Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST2103 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TCST2103
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST2103 Datasheet(HTML) 6 Page - Vishay Siliconix

  TCST2103 Datasheet HTML 1Page - Vishay Siliconix TCST2103 Datasheet HTML 2Page - Vishay Siliconix TCST2103 Datasheet HTML 3Page - Vishay Siliconix TCST2103 Datasheet HTML 4Page - Vishay Siliconix TCST2103 Datasheet HTML 5Page - Vishay Siliconix TCST2103 Datasheet HTML 6Page - Vishay Siliconix TCST2103 Datasheet HTML 7Page - Vishay Siliconix TCST2103 Datasheet HTML 8Page - Vishay Siliconix TCST2103 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TCST110. up to TCST230.
Vishay Telefunken
www.vishay.com
6 (9)
Rev. A5, 08–Jun–99
Document Number 83764
0.1
1.0
10.0
100.0
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
96 12068
VCE=5V
Figure 9. Current Transfer Ratio vs. Forward Current
02
4
6
IC – Collector Current ( mA )
10
95 11086
Non Saturated
Operation
VS=5V
RL=100W
ton
0
5
10
15
20
8
toff
Figure 10. Turn on / off Time vs. Collector Current
0
10
20
30
40
50
60
70
80
90
100
110
–0.5 –0.4 –0.3 –0.2 –0.1 –0.0 0.1 0.2 0.3 0.4 0.5
s – Displacement ( mm )
96 12005
0
s
A=1mm
Figure 11. Relative Collector Current vs. Displacement
0
10
20
30
40
50
60
70
80
90
100
110
–0.5 –0.4 –0.3 –0.2 –0.1 –0.0 0.1 0.2 0.3 0.4 0.5
s – Displacement ( mm )
96 12006
0
s
A=0.5mm
Figure 12. Relative Collector Current vs. Displacement
0
10
20
30
40
50
60
70
80
90
100
110
–0.5 –0.4 –0.3 –0.2 –0.1 –0.0 0.1 0.2 0.3 0.4 0.5
s – Displacement ( mm )
96 12007
0
s
A=0.25mm
Figure 13. Relative Collector Current vs. Displacement



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com