Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST2103 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCST2103
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST2103 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCST2103 Datasheet HTML 1Page - Vishay Siliconix TCST2103 Datasheet HTML 2Page - Vishay Siliconix TCST2103 Datasheet HTML 3Page - Vishay Siliconix TCST2103 Datasheet HTML 4Page - Vishay Siliconix TCST2103 Datasheet HTML 5Page - Vishay Siliconix TCST2103 Datasheet HTML 6Page - Vishay Siliconix TCST2103 Datasheet HTML 7Page - Vishay Siliconix TCST2103 Datasheet HTML 8Page - Vishay Siliconix TCST2103 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TCST110. up to TCST230.
Vishay Telefunken
3 (9)
www.vishay.com
Document Number 83764
Rev. A5, 08–Jun–99
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 10 mA
VECO
7
V
Collector dark current
VCE = 25 V, IF = 0, E = 0
ICEO
100
nA
Coupler
Parameter
Test Conditions
Type
Symbol
Min.
Typ.
Max.
Unit
Current transfer ratio
VCE = 5 V,
IF = 20 mA
TCST1103,
TCST2103
CTR
10
20
%
F
TCST1202,
TCST2202
CTR
5
10
%
TCST1300,
TCST2300
CTR
1.25
2.5
%
Collector current
VCE = 5 V,
IF = 20 mA
TCST1103,
TCST2103
IC
2
4
mA
F
TCST1202,
TCST2202
IC
1
2
mA
TCST1300,
TCST2300
IC
0.25
0.5
mA
Collector emitter
saturation voltage
IF = 20 mA,
IC = 1 mA
TCST1103,
TCST2103
VCEsat
0.4
V
IF = 20 mA,
IC = 0.5 mA
TCST1202,
TCST2202
VCEsat
0.4
V
IF = 20 mA,
IC = 0.1 mA
TCST1300,
TCST2300
VCEsat
0.4
V
Resolution, path of the
shutter crossing the
ICrel = 10 to 90%
TCST1103,
TCST2103
s
0.6
mm
radiant sensitive zone
TCST1202,
TCST2202
s
0.4
mm
TCST1300,
TCST2300
s
0.2
mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com