Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIH Datasheet(PDF) 1 Page - Emerson Network Power

Part # AIH
Description  250W Continuous power at 100째C baseplate temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AIH Datasheet(HTML) 1 Page - Emerson Network Power

  AIH Datasheet HTML 1Page - Emerson Network Power AIH Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AIH Series
250 Watts
Special Features
• 250W Continuous power at
100°C baseplate temperature
• High efficiency - up to 88%
• Low output ripple and noise
• Positive and Negative
enable function
• Excellent transient response
• Safety isolated low voltage
control and monitoring
• High reliability
• Wide input voltage range
• Paralleable with accurate
current sharing
• Adjustable output voltage
• Regulation to zero load
• Temperature monitor output
• EU Directive 2002/95/EC
compliant for RoHS
Total Power:
250 Watts
(12V @ 20.8A)
Input Voltage:
300V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
250 - 420 VDC
Input surge
450V / 100ms
Efficiency
88% @ 5.0V (typical)
Output
Load Regulation
0.2% typical (5V and above); 10mV for below 5V
Line Regulation
0.2% typical (5V and above); 10mV for below 5V
Noise / ripple
100mV typical (below 5V); 2% typical (5V and above)
Output voltage adjust range +/-20% for 5V and above; +10%/ -50% for below 5V
Transient response
5% max for 3.3V and above150mV for 1.8V, deviation with 25%
to 75% full load 250 μS (max) recovery
Current share accuracy
3% typical
Overvoltage protection
130% Vo (3.3 Vo and 5 Vo); 125% Vo (other Vo)
Current limit
120% Io maximum
Control
Voltage adjust
80 to 120% for 5V and above; +10% / -50% for below 5V
Enable
TTL compatible (positive & negative enable options)
Clock input (external sync)
3.3 to 5.5Vp-p @800 MHz ±5%
Temperature
monitor output
10mV/°K (2.73 = 0°C)
Current monitor output
0 to 1mA (1mA = 100% Io rated)
Notes
Nominal values apply with sense pins disconnected and other control pin unconnected.
UL
60950 Recognized
cUL
60950 Recognized
TUV
EN60950 Licensed
CE
CE Mark
Rev. 05.23.07
AIH Series
1 of 2
RoHS


Similar Part No. - AIH

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIH ARTESYN-AIH Datasheet
454Kb / 2P
Positive and Negative enable function
logo
Advanced Energy Industr...
AIH ADVANCEDENERGY-AIH Datasheet
170Kb / 4P
250 Watts
logo
Astec America, Inc
AIH10H300 ASTEC-AIH10H300 Datasheet
115Kb / 2P
250 Watts
logo
Artesyn Technologies
AIH10H300 ARTESYN-AIH10H300 Datasheet
485Kb / 2P
Total Power: 250 Watts
AIH10H300 ARTESYN-AIH10H300 Datasheet
454Kb / 2P
Positive and Negative enable function
More results

Similar Description - AIH

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH10 EMERSON-NETWORKPOWER-AEH10 Datasheet
462Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
AIF12W300 EMERSON-NETWORKPOWER-AIF12W300 Datasheet
148Kb / 2P
600 W continuous power at 100 째C baseplate temperature
AIF25R48 EMERSON-NETWORKPOWER-AIF25R48 Datasheet
109Kb / 2P
700W Continuous power at 100째C baseplate temperature
AIF EMERSON-NETWORKPOWER-AIF Datasheet
139Kb / 2P
600W Continuous power at 100째C baseplate temperature
AV60C EMERSON-NETWORKPOWER-AV60C Datasheet
301Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
BOSER Technology Co., L...
MPI-925A BOSER-MPI-925A Datasheet
89Kb / 1P
250W AC-DC AT Power Supply
ZKS-250AE BOSER-ZKS-250AE Datasheet
66Kb / 1P
250W AC-DC AT Power Supply
logo
Recom International Pow...
R1S_R1D RECOM-R1S_R1D Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R0.25S RECOM-R0.25S Datasheet
128Kb / 4P
Full Power at 100째C Ambient Temperature
R1S-R1D RECOM-R1S-R1D Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com