Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCUT1200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCUT1200
Description  Subminiature Dual Channel Optical Sensor with Phototransistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCUT1200 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCUT1200 Datasheet HTML 1Page - Vishay Siliconix TCUT1200 Datasheet HTML 2Page - Vishay Siliconix TCUT1200 Datasheet HTML 3Page - Vishay Siliconix TCUT1200 Datasheet HTML 4Page - Vishay Siliconix TCUT1200 Datasheet HTML 5Page - Vishay Siliconix TCUT1200 Datasheet HTML 6Page - Vishay Siliconix TCUT1200 Datasheet HTML 7Page - Vishay Siliconix TCUT1200 Datasheet HTML 8Page - Vishay Siliconix TCUT1200 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TCUT1200
Vishay Telefunken
www.vishay.com
2 (9)
Rev. A7, 01–Jun–99
Document Number 83755
Absolute Maximum Ratings
Input (Emitter)
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
5
V
Forward current
IF
25
mA
Forward surge current
tp ≤ 10 ms
IFSM
100
mA
Power dissipation
Tamb ≤ 25°C
PV
75
mW
Output (Detector)
Parameter
Test Conditions
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7
V
Collector current
IC
20
mA
Power dissipation
Tamb ≤ 25°C
PV
75
mW
Coupler
Parameter
Test Conditions
Symbol
Value
Unit
Total power dissipation
Tamb ≤ 25°C
Ptot
150
mW
Ambient temperature range
Tamb
–40 to +85
°C
Storage temperature range
Tstg
–40 to +100
°C
Soldering temperature
t
≤ 5 s
Tsd
230
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com