Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCUT1200 Datasheet (PDF) - Vishay Siliconix

TCUT1200 Datasheet PDF - Vishay Siliconix
Part # TCUT1200
Download  TCUT1200 Download
File Size   102.88 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Subminiature Dual Channel Optical Sensor with Phototransistor Output

TCUT1200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCUT1200 Datasheet PDF - Vishay Siliconix

Part # TCUT1200
Download  TCUT1200 Click to download

File Size   102.88 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Subminiature Dual Channel Optical Sensor with Phototransistor Output

TCUT1200 Datasheet (HTML) - Vishay Siliconix


TCUT1200 Product details

Description
The TCUT1200 is a compact transmissive sensor that includes an infrared emitter and two phototransistor detectors, located face-to-face in a surface-mount package.

Features
• Package type: Surface-mount
• Detector type: Phototransistor
• Dimensions:
   L 5 mm x W 4 mm x H 4 mm
• Gap: 2 mm
• Aperture: 0.3 mm
• Channel distance (center to center): 0.8 mm
• Typical output current under test: IC = 0.5 mA
• Emitter wavelength: 950 nm
• Lead (Pb)-free soldering released
• Lead (Pb)-free component in accordance with
   RoHS 2002/95/EC and WEEE 2002/96/EC
• Minimum order quantity: 2000 pcs, 2000 pcs/reel

Applications
• Accurate position sensor for encoder
• Detection of motion direction
• Computer mouse and trackballs




Similar Part No. - TCUT1200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCUT1200X01 VISHAY-TCUT1200X01 Datasheet
102Kb / 9P
Subminiature Dual Channel Optical Sensor with Phototransistor Output
01-Jun-99
TCUT1200 VISHAY-TCUT1200_07 Datasheet
153Kb / 9P
Subminiature Dual-Channel Transmissive Optical Sensor with Phototransistor Outputs, RoHS Compliant, Released for Lead (Pb)-free Solder Process
13-Mar-07
More results


Similar Description - TCUT1200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCNT1000 VISHAY-TCNT1000 Datasheet
109Kb / 8P
Subminiature Reflective Optical Sensor with Phototransistor Output
25-Jul-00
TCPT1200 VISHAY-TCPT1200 Datasheet
95Kb / 9P
Subminiature Transmissive Optical Sensor with Phototransistor Output
01-Jun-99
TCPT1200X01 VISHAY-TCPT1200X01 Datasheet
95Kb / 9P
Subminiature Transmissive Optical Sensor with Phototransistor Output
01-Jun-99
TCUT1200X01 VISHAY-TCUT1200X01 Datasheet
102Kb / 9P
Subminiature Dual Channel Optical Sensor with Phototransistor Output
01-Jun-99
TCVT1300 VISHAY-TCVT1300 Datasheet
55Kb / 7P
Dual Channel Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCUT1300X01 VISHAY-TCUT1300X01_07 Datasheet
192Kb / 9P
Subminiature Dual Channel Transmissive Optical Sensor with
20-Jul-07
TCUT1300X01 VISHAY-TCUT1300X01_11 Datasheet
324Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
17-May-11
TCUT1350X01 VISHAY-TCUT1350X01 Datasheet
319Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
14-Mar-13
TCUT1300X01 VISHAY-TCUT1300X01_V01 Datasheet
313Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
04-Oct-11
TCUT1350X01 VISHAY-TCUT1350X01_V01 Datasheet
320Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
14-Mar-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com