Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA20 Datasheet(PDF) 2 Page - Emerson Network Power

Part # CXA20
Description  20 W DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

CXA20 Datasheet(HTML) 2 Page - Emerson Network Power

  CXA20 Datasheet HTML 1Page - Emerson Network Power CXA20 Datasheet HTML 2Page - Emerson Network Power CXA20 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
N
No
otte
es
s
1
Negative output voltage deviation when either load is changed.
2
For TVS/Zener specifications please see Application Note 107.
3
On dual output models, OVP protection is on positive outputs only.
4
With respect to minimum input voltage.
5
With one external 4 µF capacitor across the input.
6
Unit provides basic insulation up to the 75 Vdc maximum input voltage.
7
Maximum continuous output power not to exceed 20 Watts.
8
User must provide 2 A HRC (recommended) in line fuse in order to comply
with safety approvals.
9
Download Application Note 107 and the full data sheet from our website.
10 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
11 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
CXA20 Series
Single and dual output
DC-DC CONVERTERS 20 W DC-DC Converters
2
File Name: cxa20.pdf Rev (02): 09 Dec 2005
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
INPUT
OUTPUT
OVERVOLTAGE
OUTPUT
TYPICAL
MODEL
VOLTAGE
VOLTAGE
PROTECTION (2,3)
CURRENT (MAX.)
EFFICIENCY
NUMBER (10,11)
18-75 Vdc
3.3 V
3.7 V
6 A
80%
CXA20-48S3V3J
18-75 Vdc
5 V
6.67 V
4 A
83%
CXA20-48S05J
18-75 Vdc
12 V
14.25 V
1.66 A
83%
CXA20-48S12J
18-75 Vdc
±5 V
6.67 V
2 A ea.
84%
CXA20-48D05J
18-75 Vdc
±12 V
14.25 V
0.83 A ea.
84%
CXA20-48D12J
PIN CONNECTIONS
PIN NUMBER
SINGLE OUTPUT
DUAL OUTPUT
1
+ Input
+ Input
2
– Input
- Input
3
No Pin
No Pin
4
Remote On/Off
Remote On/Off
5
No Pin
+ Output
6
+ Output
Common
7
- Output
- Output
8
Trim
Trim
Derating Curve Output Current vs Temperature S3V3J
Natural Convection (<0.1 m/s airflow)
-40˚C
0
20
40
60
80
100
Ambient Temperature
-20˚C
0˚
20˚
40˚
60˚
80˚
100˚
75%
MAX. TEMPERATURES FOR FULL RATED OUTPUT CURRENT
MODEL
FULL Vin RANGE
Vin <60 Vdc
48S3V3J
50 ˚C
50 ˚C
48S05J
55 ˚C
60 ˚C
48S12J
50 ˚C
55 ˚C
48D05J
55 ˚C
60 ˚C
48D12J
50 ˚C
60 ˚C
TRIM
DOWN
+ Output
TRIM
UP
Trim
- Output
EXTERNAL OUTPUT TRIMMING
All models can be externally trimmed by ±10% using either
method shown below. See Application Note 107 for details.
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E174104
VDE Certificate No.112836. File No. 10401-3336-0154
CB Report and Certificate to IEC60950, Licence No. 121914



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com