Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA20 Datasheet(PDF) 3 Page - Emerson Network Power

Part # CXA20
Description  20 W DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

CXA20 Datasheet(HTML) 3 Page - Emerson Network Power

  CXA20 Datasheet HTML 1Page - Emerson Network Power CXA20 Datasheet HTML 2Page - Emerson Network Power CXA20 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
STAND-OFFS
4 PLACES
Ø0.040
±0.002
(Ø1.02
±0.05)
2.00
±0.02
(50.80
±0.5)
1.80
(45.72)
1
ALL DIMENSIONS IN INCHES (mm)
General tolerance
±0.010 (±0.25)
unless otherwise specified
2
4
5
6
7
8
0.02
±0.004
(0.50
±0.1)
1.60
±0.02
(40.64
±0.5)
0.70
(17.78)
0.20
(5.08)
0.10
(2.54)
0.30
(7.62)
0.70
(17.78)
0.50
(12.70)
0.60
(15.24)
0.14
±0.02
(3.60
±0.5)
0.413
(10.50)
MAX.
OPEN
FRAME
HEIGHT
BOTTOM
VIEW
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
CXA20 Series
Single and dual output
DC-DC CONVERTERS 20 W DC-DC Converters
3
Please consult our website for the following items:
 Application Note  Longform Data Sheet
www.artesyn.com
File Name: cxa20.pdf Rev (02): 09 Dec 2005



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com