Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCH3 Datasheet(PDF) 1 Page - Emerson Network Power

Part # DCH3
Description  Switching wallmount power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DCH3 Datasheet(HTML) 1 Page - Emerson Network Power

  DCH3 Datasheet HTML 1Page - Emerson Network Power DCH3 Datasheet HTML 2Page - Emerson Network Power DCH3 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 03.06.08
DCH3 Series
1 of 3
Embedded Power for
Business-Critical Continuity
DCH3 Series
3 Watts
Special Features
• Switching wallmount
power supply
• Available in multiple AC plug
configurations
• CE Mark EMC & LVD
• Universal AC input
• Regulated output
• Overload and short circuit
protection
• Constant voltage, constant
current
• High MTBF
• Built in EMI filter
(CISPR 22 Class B)
• Mini USB 2.0 dc output plug
-0001
• Micro USB 2.0 dc output plug
-0002
• Energy Star Efficiency Level IV
Total Power:
3 Watts
Input Voltage:
100-254 Vac
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range:
100-254 Vac (wide range)
Frequency:
47-63 Hz
EMI/RFI:
FCC Part 15, Subpart B Class B & EN55022
(CISPR 22) Class B &EMC89/336/EEC
Safety ground
leakage current:
10 μA @ 50/60 Hz, 230 Vac input
Output
Voltage (Vo):
5 V (4.75 - 5.25 V)
Maximum Power (Po):
3 W
Hold-up time:
25 ms. typical at full load @ 115 Vac
Overvoltage protection:
Single fault 10.5 V max.
Latching type
Overload protection:
Output short circuit protection auto recover
Overload protected > 800mA
Output cable:
Connector barrel polarity:
DC cable with Mini USB 2.0 -0001 suffix and
Micro USB 2.0 -0002
Pin 1: +V
Pin 5: ground
Operating temperature:
0° to 45 °C ambient
Storage temperature:
-20°C to +70 °C
Electromagnetic
susceptibility:
Designed to meet EN55082-1
Humidity:
Operating; non-condensing 20% to 90% RH
Vibration:
Per IEC 60068-2-6
Environmental Specifications
cUL
60950 / 6500
CSA
60950
TUV
60950
NEMKO 60950
CB
Certificate and report
CE
EMC & LVD
DCH3-050EU
DCH3-050US
DCH3-050UK


Similar Part No. - DCH3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DCH3 EMERSON-NETWORKPOWER-DCH3 Datasheet
1Mb / 4P
Switching wallmount power supply
logo
Artesyn Technologies
DCH3 ARTESYN-DCH3 Datasheet
1Mb / 3P
Universal AC input
logo
Emerson Network Power
DCH3-050AU-0004 EMERSON-NETWORKPOWER-DCH3-050AU-0004 Datasheet
1Mb / 4P
Switching wallmount power supply
logo
Artesyn Technologies
DCH3-050AU-0004 ARTESYN-DCH3-050AU-0004 Datasheet
919Kb / 4P
DCH3 Series 3 Watts
logo
Emerson Network Power
DCH3-050EU-0001 EMERSON-NETWORKPOWER-DCH3-050EU-0001 Datasheet
1Mb / 4P
Switching wallmount power supply
More results

Similar Description - DCH3

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU12A ASTRODYNE-MPU12A Datasheet
481Kb / 3P
12W Medical Grade Wallmount Switching Power Adapters
SPU12A ASTRODYNE-SPU12A Datasheet
547Kb / 3P
10-15 Watt Wallmount Switching Power Supplies
logo
Emerson Network Power
DA4 EMERSON-NETWORKPOWER-DA4 Datasheet
570Kb / 3P
Switching wallmount power supply
DA16 EMERSON-NETWORKPOWER-DA16 Datasheet
673Kb / 3P
Switching wallmount power supply
DA4US EMERSON-NETWORKPOWER-DA4US Datasheet
453Kb / 2P
Switching wallmount power supply 3 - 8 Watts
DCH2 EMERSON-NETWORKPOWER-DCH2 Datasheet
839Kb / 3P
Switching wallmount power supply 2 Watts
logo
Advantech Co., Ltd.
IPC-6806 ADVANTECH-IPC-6806 Datasheet
640Kb / 2P
6-Slot Desktop/Wallmount Chassis with 1U Power Supply
logo
Emerson Network Power
DCH3 EMERSON-NETWORKPOWER-DCH3_08 Datasheet
1Mb / 4P
Switching wallmount power supply
logo
Astrodyne Corporation
AMP1201 ASTRODYNE-AMP1201 Datasheet
491Kb / 3P
12W Medical Grade Wallmount Switching Power Adapters
logo
Artesyn Technologies
DCH2 ARTESYN-DCH2 Datasheet
715Kb / 3P
Switching wallmount power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com