Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCH3 Datasheet(PDF) 2 Page - Emerson Network Power

Part # DCH3
Description  Switching wallmount power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DCH3 Datasheet(HTML) 2 Page - Emerson Network Power

  DCH3 Datasheet HTML 1Page - Emerson Network Power DCH3 Datasheet HTML 2Page - Emerson Network Power DCH3 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2.283"
(58)
59"
(1500)
1.275"
(32.4)
.272"
(6.9)
Rev. 03.06.08
DCH3 Series
2 of 3
Embedded Power for
Business-Critical Continuity
Ordering Information
Model
Number
Maximum
Power
Output
Voltage
Minimum
Load
Maximum
Load
Ripple
P/P (PARD)1
Connector
DCH3-050US-0001
3 W
5 V
0
0.55 A
200 mV
Mini USB 2.0
DCH3-050EU-0001
3 W
5 V
0
0.55 A
200 mV
Mini USB 2.0
DCH3-050UK-0001
3 W
5 V
0
0.55 A
200 mV
Mini USB 2.0
DCH3-050US-0002
3 W
5 V
0
0.55 A
200 mV
Micro USB 2.0
DCH3-050EU-0002
3 W
5 V
0
0.55 A
200 mV
Micro USB 2.0
DCH3-050UK-0002
3 W
5 V
0
0.55 A
200 mV
Micro USB 2.0
1. Peak-to-peak with 20 mHz bandwidth and 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line
voltage and load ranges.
2. Output should not be grounded for EMI purpose.
Mechanical Drawing
DCH3-050US
DCH3-050EU
2.283"
(58)
59"
(1500)
1.275"
(32.4)
.272"
(6.9)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com