Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPT54 Datasheet(PDF) 1 Page - Emerson Network Power

Part # DPT54
Description  Universal AC input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DPT54 Datasheet(HTML) 1 Page - Emerson Network Power

  DPT54 Datasheet HTML 1Page - Emerson Network Power DPT54 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 10.2.08_126
DPT50 Series
1 of 2
Embedded Power for
Business-Critical Continuity
DPT50 Series
50 Watts
Special Features
•CEMarkEMC&LVD
•UniversalACinput
•Fullyregulatedoutput
•Overpowerandshortcircuit
protection
•Constantvoltage
•Highefficiency
•HighMTBF
•IEC320ACreceptacle,
3pin(typeC14)
•BuiltinEMIfilter
(CISPR22ClassB)
•LEDpowergoodindicator
•Inputpower<74watts
•ComplieswithEN61000-3-2
Total Power:
30-50Watts
Input Voltage:
127-300VDC
90-264VAC
# of Outputs:
Triple
Electrical Specifications
Safety
Input
Inputrange:
90-264VAC(widerange)127-300VDC
Frequency:
47-440Hz
Inrushcurrent:
<60Apeak@230VAC,coldstart@25°C
Efficiency:
80%@typicalfullload,@115VAC
EMIRFI:
FCCPart15,SubpartBClassB&EN55022(CISPR22)ClassB
Safetyground
leakagecurrent:
0.5mA@50/60Hz,264VACinput
Output
Maximumpower:
50W(DPT51,30W)
Hold-uptime:
10mstypicalatfullload@115VAC
Overpowerprotection: Outputshortcircuitprotectionautorecover.
Overpowerprotected@110-160%abovemaximumrating
Overvoltage
protection:
20-45%abovenominaloutputmaximum
Cable/2meter
connector:
DCcablewith5pinDin
Operatingtemperature: 0°Cto+40°Cambient.Derateeachoutputas2.5%perdegreefrom40°
to60°C.-20°Cstartup.
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4;-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing10%to95%RH
Vibration:
IEC68-2-6tothelevelsofIEC721-3-2
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
UL UL60950-1
CSA CSA-C22.2NO.60950-1
VDE EN60950-1
CE EMC&LVD
CB Certificate and report
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
RoHS


Similar Part No. - DPT54

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DPT54-M EMERSON-NETWORKPOWER-DPT54-M Datasheet
660Kb / 2P
Medical safety approvals
More results

Similar Description - DPT54

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD50SERIES EMERSON-NETWORKPOWER-AD50SERIES Datasheet
173Kb / 2P
Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
Universal AC input
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
Universal AC Input
logo
Lite-On Technology Corp...
PA-1400-47 LITEON-PA-1400-47 Datasheet
499Kb / 2P
Universal AC Input
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
Universal AC Input
PA-1600-31 LITEON-PA-1600-31 Datasheet
547Kb / 2P
Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
Universal AC Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com