Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPT54 Datasheet(PDF) 2 Page - Emerson Network Power

Part # DPT54
Description  Universal AC input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DPT54 Datasheet(HTML) 2 Page - Emerson Network Power

  DPT54 Datasheet HTML 1Page - Emerson Network Power DPT54 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 10.2.08_126
DPT50 Series
2 of 2
Embedded Power for
Business-Critical Continuity
MechanicalDrawing
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
Maximum Load Peak Load 1 Regulation 2
Ripple P/P (PARD)3
DPT51
+3.3V
+5V
+12V
0.8A
0.1A
0A
9A
3A
0.5A
9A
4A
1A
±4%
±6%
±5%
50mV
50mV
120mV
DPT52
+5V
+12V
-12V
0.5A
0.1A
0A
8A
3A
0.5A
9A
4A
1.0A
±2%
±5%
±5%
50mV
120mV
120mV
DPT53
+5V
+15V
-15V
0.5A
0.1A
0A
8A
2.4A
0.5A
9A
3.2A
0.7A
±2%
±5%
±5%
50mV
150mV
150mV
DPT54
+5V
+24V
+12V
0.5A
0.1A
0A
8A
1.5A
0.5A
9A
2A
0.7A
±2%
±7%
±5%
50mV
240mV
120mV
1. Peakcurrentlasting<15secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitorat
ratedlinevoltageandloadranges.
NOTES:
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis
±0.02”±(0.5mm)
3. Warranty:2year
4. Weight:1.44lb./0.65kg
5. ACinputpowercordsoldseparately.
6. Specificationsareforconvectionratingatfactorysettings
at115VACinput,25°Cunlessotherwisestated
V1
V3
V2
V1
COM
Shield
1
4
2
5
3
COM
PINOUT ARRANGEMENT
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
information or for any errors or omissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-critical continuity.
ACPower
Connectivity
DCPower
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com