Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXA40 Datasheet(PDF) 1 Page - Emerson Network Power

Part # EXA40
Description  40 W High Efficiency DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXA40 Datasheet(HTML) 1 Page - Emerson Network Power

  EXA40 Datasheet HTML 1Page - Emerson Network Power EXA40 Datasheet HTML 2Page - Emerson Network Power EXA40 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS 40 W High Efficiency DC-DC Converters
1
2 YEAR WARRANTY
EXA40 Series
Single output
• High efficiency topology, 91% typical at 5 V
• Approved to EN60950, UL1950, CSA C22.2 No. 950
• Operating ambient temperature of -40 °C to +70 °C
(natural convection)
• Complies with ETS 300 019-1-3/2-3
• Complies with ETS 300 132-2 input voltage and current
requirements
• Fully compliant with ETS 300 386-1
• RoHS Compliant
The EXA40 Series, comprising 8 different models is targeted specifically at the
telecommunications, industrial electronics, mobile Telecommunications and distributed
power markets. The series offers two wide input voltage ranges of 18 Vdc to 36 Vdc and
36 Vdc to 75 Vdc. Typical efficiencies are 91% for the 5 V output, 88% for the 3.3 V, 86%
for the 2.75 V and 84% for the 1.8 V. The series has been designed primarily for
Telecommunications applications and complies with ETS 300 386-1 immunity and emission
standards for high priority of service class. In addition the series complies with ETS 300
019-1-3 environmental standards (all classes) including shock, vibration, humidity and
thermal performance. A high level of reliability has been designed into all models through
the extensive use of conservative derating criteria. Remote enable and overtemperature
shutdown are included as standard while true latching OVP is available as an option.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
EMC CHARACTERISTICS (Cont.)
Radiated emissions
EN55022 (See Design Note 102) Level B
ESD air
EN61000-4-2, level 3
ESD contact
EN61000-4-2, level 4
Surge (500 V)
EN61000-4-5, level 3, 4
Fast transients
EN61000-4-4, level 3, 4
Radiated immunity
EN61000-4-3, level 3
Conducted immunity
EN61000-4-6, level 3
GENERAL SPECIFICATIONS
Efficiency
See table
Basic insulation
Input/output
1500 Vdc
Input fuse 24 V
(See Note 8)
3.5 A slow blow
Input fuse 48 V
2.0 A slow blow
Switching frequency
Fixed
300 kHz
Approvals and
EN60950
standards
UL1950
(See Notes 7, 8, 9)
CSA C22.2 No. 950
Weight
25 g (0.88 oz)
MTBF
MIL-HDBK-217
250,000 hours
(See Design Note 102)
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-40 °C to +70 °C,
temperature
See curves
Non-operating
-55 °C to +105 °C
Over temperature
Loss of Function
75 °C to +85 °C
shutdown
Self-Recovery (LFS)
ETS 300 019-2-3
Classes T3.1 to T3.5
Air temperature
Low: IEC 68-2-1
-40 °C
High: IEC 68-2-2
+70 °C
Change: IEC 68-2-1
-40 °C to +70 °C
Relative humidity
IEC 68-2-56
10% to 100% RH
IEC 68-2-30
Condensation
Vibration, Class 3M5
IEC68-2-6
2-9 Hz, 3 mm disp.
9-200 Hz 1 g
MIL-STD-202F
Method 204 cond. A
Shock, Class 3M5
IEC-68-2-29
MIL-STD-202F
Method 213B cond. A
SPECIFICATIONS
File Name: exa40.pdf Rev (02): 09 Dec 2005
OUTPUT SPECIFICATIONS
Voltage adjustability
2.75 V, 3.3 V, 5 V
±10% min.
(See Note 10)
1.8 V output
+12/-17% min.
Voltage accuracy
±1.0%
Line regulation
Low line to high line
+0.05%
Load regulation
Full load to no load
+0.20%
Minimum load
0%
Ripple and noise
100 mV pk-pk max.
20 MHz bandwidth
20 mV rms max.
Temperature coefficient
±0.01%/°C
Transient response
50% to 75% and back
100 mV
Peak dev. settling time
to 1.0%, no external cap.
250 µs
Short circuit protection
Continuous
(See Note 5)
automatic recovery
INPUT SPECIFICATIONS
Input voltage range
24 Vin nominal
18-36 Vdc
48 Vin nominal
36-75 Vdc
Input current
No load
100 mA max.
Remote OFF
4 mA max.
UVLO turn ON voltage
All inputs (See Note 4)
94%
UVLO turn OFF voltage
All inputs (See Note 4)
86%
Start-up time
Nominal line
50 ms
Active high remote ON/OFF
Logic compatibility
Open Collector
ref. to -input
ON
Open circuit voltage
4.5 Vdc
OFF
<1.0 Vdc
INPUT SPECIFICATIONS
ETS 300 386-1 table 5
Conducted emissions
EN55022, internal filter and
Level A
(See Design Note 102)
two 4 µF film capacitors
EN55022, external filter
Level B


Similar Part No. - EXA40

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXA40 ARTESYN-EXA40 Datasheet
543Kb / 4P
40W High Efficiency DC/DC Converters
EXA40-24S05 ARTESYN-EXA40-24S05 Datasheet
543Kb / 4P
40W High Efficiency DC/DC Converters
EXA40-24S1V8 ARTESYN-EXA40-24S1V8 Datasheet
543Kb / 4P
40W High Efficiency DC/DC Converters
EXA40-24S2V75 ARTESYN-EXA40-24S2V75 Datasheet
543Kb / 4P
40W High Efficiency DC/DC Converters
EXA40-24S3V3 ARTESYN-EXA40-24S3V3 Datasheet
543Kb / 4P
40W High Efficiency DC/DC Converters
More results

Similar Description - EXA40

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXQ60D ARTESYN-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
logo
Emerson Network Power
CXE15 EMERSON-NETWORKPOWER-CXE15 Datasheet
262Kb / 3P
15 W High Efficiency DC-DC Converters
EXB30 EMERSON-NETWORKPOWER-EXB30 Datasheet
118Kb / 2P
16-30 W High Efficiency DC-DC Converters
EXB250 EMERSON-NETWORKPOWER-EXB250 Datasheet
94Kb / 3P
72-165 W High Efficiency DC-DC Converters
EXQ60D EMERSON-NETWORKPOWER-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
logo
Artesyn Technologies
EXQ125-48S1V2J ARTESYN-EXQ125-48S1V2J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
50 W High Efficiency DC-DC Converters
EXB30-24D05-3V3J ARTESYN-EXB30-24D05-3V3J Datasheet
142Kb / 3P
30 W High Efficiency DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com