Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXA40 Datasheet(PDF) 2 Page - Emerson Network Power

Part # EXA40
Description  40 W High Efficiency DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXA40 Datasheet(HTML) 2 Page - Emerson Network Power

  EXA40 Datasheet HTML 1Page - Emerson Network Power EXA40 Datasheet HTML 2Page - Emerson Network Power EXA40 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
N
No
otte
es
s
1
True latching OVP is available as an option. Please add the suffix ‘-V’ to the
model number, e.g. EXA40-24S1V8-VJ. Additional alphanumeric suffixes
maybe added to indicate minor modifications not affecting the safety
approvals.
2
Gauranteed minimum output voltage range.
3
Latching OVP response time is 1 ms (typical). OVP latch is reset by
toggling remote ON/OFF or by recycling the input voltage.
4
Figures are percentage of minimum input voltage.
5
Rshort ≤20 mΩ.
6
TVS spec : 6V8 @ 10 mA, 10V5 @ 57 A
4V1 @ 1 mA, 7V3 @ 50 A
7
Maximum continuous output power.
40 Watts for S05J models
26.4 Watts for S3V3J models
22 Watts for S2V75J models
14.4 Watts for S1V8J models.
8
User must provide recommended fuses in order to comply with safety
approvals.
9
Maximum temperature on components Q100, Q102 and Q103 not to
exceed 120
°C. See Application Note 101 for details.
10 For continuous operation below 88%, minimum input voltage trimming up
>5% is not recommended on the 24S05J and 48S05J models.
11 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
12 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
EXA40 Series
Single output
DC-DC CONVERTERS 40 W High Efficiency DC-DC Converters
2
File Name: exa40.pdf Rev (02): 09 Dec 2005
INPUT
OUTPUT
NOMINAL
OUTPUT
TYPICAL
MODEL
VOLTAGE
VOLTAGE (2)
OUTPUT VOLTAGE
CURRENT (MAX.)
EFFICIENCY
NUMBER (1,3,11,12)
11,12) 18-36 Vdc
1.5-2.0 V
1.8 V
8.0 A
84%
EXA40-24S1V8J
18-36 Vdc
2.5-3.0 V
2.75 V
8.0 A
87%
EXA40-24S2V75J
18-36 Vdc
3.0-3.6 V
3.3 V
8.0 A
88%
EXA40-24S3V3J
18-36 Vdc
4.5- 5.5 V
5.0 V
8.0 A
90%
EXA40-24S05J
36-75 Vdc
1.5-2.0 V
1.8 V
8.0 A
84%
EXA40-48S1V8J
36-75 Vdc
2.5-3.0 V
2.75 V
8.0 A
86%
EXA40-48S2V75J
36-75 Vdc
3.0-3.6 V
3.3 V
8.0 A
88%
EXA40-48S3V3J
36-75 Vdc
4.5 -5.5 V
5.0 V
8.0 A
91%
EXA40-48S05J
Figure 1: Natural Convection (0.1m/s) Typical derating, See Application Note.
100%
75%
50%
25%
0%
0
°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C 80°C 90°C 100°C
DERATING CURVE
Output Power (%)
AMBIENT TEMPERATURE (
°C)
27.5%
-40
°C -30°C-20°C -10°C
EXA40-24S05
All other Models
10K
TRIMPOT
TRIM
UP
TRIM
DOWN
6
8
7
6
8
7
RTU
RTD
8
10K
EXTERNAL OUTPUT TRIMMING (10)
All models can be externally trimmed by
using the method shown below.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com