Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB30 Datasheet(PDF) 1 Page - Emerson Network Power

Part # EXB30
Description  16-30 W High Efficiency DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB30 Datasheet(HTML) 1 Page - Emerson Network Power

  EXB30 Datasheet HTML 1Page - Emerson Network Power EXB30 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC CONVERTERS 16-30 W High Efficiency DC-DC Converters
1
2 YEAR WARRANTY
EXB30 Series
Single output
• High efficiency topology, 92% typical at 5 V
• Industry standard footprint
• Wide operating temperature, -40 ˚C to +85 ˚C
(natural convection)
• 80% to 110% output trim
• No minimum load
• Overvoltage and overtemperature protection
• Remote sense compensation
• Remote ON/OFF
• Available RoHS compliant
The EXB30 is a new high efficiency open frame isolated 30 Watt converter series in an
industry standard footprint. The first five models in the series feature a 2:1 input voltage
range of 36 Vdc to 75 Vdc and are available in output voltages of 12 V, 5 V, 3.3 V, 2.5 V
and 2 V. Each model is trimmable from 80% to 110% except the 12 V output which has
a wider trim range of 60% to 110%. The sub 5 V models have an output current rating
of 8 A. Typical efficiencies for the models are 92% for the 5 V, 90% for the 3.3 V and
12 V, 87% for the 2.5 V and 86% for the 2 V version. The EXB30 series offers remote
ON/OFF and remote sense compensation to correct for voltage drops at the load.
Overcurrent, overvoltage and overtemperature protection features are included as
standard. With full international safety approval including EN60950 and cUL1950, the
EXB30 reduces compliance costs and time to market.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 3)
Level A
EN55022 (See Note 3)
Level B
Radiated emissions
EN55022 (See App. Note 108)
Level B
Immunity:
ESD air
EN61000-4-2
8 kV (NP), 15 kV (RP)
ESD contact
EN61000-4-2
6 kV (NP), 8 kV (RP)
Radiated field enclosure
EN61000-4-3
10 V/m (NP)
Conducted (DC power)
EN61000-4-6
10 V (NP)
Conducted (signal)
EN61000-4-6
10 V (NP)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Basic insulation
Input/output
1500 Vdc
Switching frequency
Fixed
300 kHz typ.
Approvals and
VDE0805, EN60950
standards
IEC950, UL/cUL1950
(See Note 5)
CSA C22.2 No. 950
Material flammability
UL94V-0
Weight
40 g (1.41 oz)
MTBF
MIL-HDBK-217F
>300,000 hours
@ 25 °C, 100% load
ground benign
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-40 °C to +85 °C
temperature
Non-operating
-40 °C to +125 °C
ETS 300 019-2-3
Classes T3.1 to T3.5
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
OUTPUT SPECIFICATIONS
Voltage adjustability
80% to 110%
Set point accuracy
±1.5% max.
Line regulation
Low line to high line
0.1% max.
Load regulation
Full load to min. load
0.2% max.
Total error band
±3.0%
Minimum load
0%
Overshoot
At turn-on and turn-off
None
Undershoot
None
Ripple and noise
5 Hz to 20 MHz
150 mV pk-pk
(See Note 1)
20 mV rms
Temperature coefficient
±0.02%/°C
Transient response
2.0% max. deviation
(See Note 2)
300 µs recovery to
within total error band
Remote sense
10% output voltage change
INPUT SPECIFICATIONS
Input voltage range
48 Vin nominal
36-75 Vdc
Input current
No load
50 mA max.
Remote OFF
10 mA max.
Input current (max.)
48 V models
1.0 A max. @ Io max.
(See Note 4)
and Vin = 36-75 Vdc
Input reflected ripple
(See Note 6)
30 mA (pk-pk) typ.
Active high remote ON/OFF
Logic compatibility
Open collector ref to -input
ON
Open circuit or >2 Vdc
OFF
<1.2 Vdc
Undervoltage lockout
48 Vin: power up
34 V
48 Vin: power down
31.5 V
Start-up time
Power up
30 ms
(See Note 7)
Remote ON/OFF
30 ms
SPECIFICATIONS
File Name: exb30s.pdf Rev: 05 Dec 2005


Similar Part No. - EXB30

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXB30 ARTESYN-EXB30 Datasheet
51Kb / 2P
16-30W High Efficiency DC/DC Converters
EXB30-24D05-3V3 ARTESYN-EXB30-24D05-3V3 Datasheet
71Kb / 2P
30W High Efficiency DC/DC Converters
EXB30-24D05-3V3J ARTESYN-EXB30-24D05-3V3J Datasheet
142Kb / 3P
30 W High Efficiency DC-DC Converters
EXB30-24D3V3-2V5 ARTESYN-EXB30-24D3V3-2V5 Datasheet
71Kb / 2P
30W High Efficiency DC/DC Converters
EXB30-24D3V3-2V5J ARTESYN-EXB30-24D3V3-2V5J Datasheet
142Kb / 3P
30 W High Efficiency DC-DC Converters
More results

Similar Description - EXB30

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXB30 ARTESYN-EXB30 Datasheet
51Kb / 2P
16-30W High Efficiency DC/DC Converters
EXQ60D ARTESYN-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
logo
Emerson Network Power
CXE15 EMERSON-NETWORKPOWER-CXE15 Datasheet
262Kb / 3P
15 W High Efficiency DC-DC Converters
EXA40 EMERSON-NETWORKPOWER-EXA40 Datasheet
132Kb / 3P
40 W High Efficiency DC-DC Converters
EXQ60D EMERSON-NETWORKPOWER-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
logo
Artesyn Technologies
EXQ125-48S1V2J ARTESYN-EXQ125-48S1V2J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
50 W High Efficiency DC-DC Converters
EXB30-24D05-3V3J ARTESYN-EXB30-24D05-3V3J Datasheet
142Kb / 3P
30 W High Efficiency DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com