Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB30 Datasheet(PDF) 2 Page - Emerson Network Power

Part # EXB30
Description  16-30 W High Efficiency DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB30 Datasheet(HTML) 2 Page - Emerson Network Power

  EXB30 Datasheet HTML 1Page - Emerson Network Power EXB30 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
N
No
otte
es
s
1
Measured as per recommended set-up.
2
di/dt = 0.1 A/µs, Vin = 48 Vdc, Tc = 25 °C, load change = 0.5 lo max. to
0.75 lo max. and 0.75 lo max. to 0.5 lo max.
3
The EXB30 meets level A and level B conducted emissions only with
external components connected before the input pins to the converter.
Full details are given in Application Note 108 on the website.
4
Recommended input fusing is a 2 A HRC 200 V rated fuse.
5
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
6
Simulated source impedance of 12
µH. 12 µH inductor in series with +Vin.
7
Start-up into resistive load.
8
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
9
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PROTECTION
Short circuit
Continuous
Overvoltage
Non-latching clamp
Thermal
125 °C hot spot temperature with
automatic recovery
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2, input voltage
and current requirements
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1- Vin
2
No Pin
3
Remote ON/OFF
4+ Vin
5
+ Vout
6
+ Sense
7
Trim
8
- Sense
9
- Vout
EXB30 Series
Single output
DC-DC CONVERTERS 16-30 W High Efficiency DC-DC Converters
2
Please consult our website for the following items:
 Application Note  Longform Datasheet
www.artesyn.com
File Name: exb30s.pdf Rev: 05 Dec 2005
1.90
(48.26)
0.19
(4.83)
2.28
±0.02
(57.91
±0.5)
ALL DIMENSIONS IN INCHES (mm)
General Tolerance
±0.010 (0.25)
(unless otherwise specified)
OPEN-FRAME
HEIGHT
ø0.040
±0.002
(ø1.02
± 0.05)
STAND-OFFS
4 PLACES
BOTTOM
VIEW
1
3
4
9
5
6
7
8
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(8,9)
(MAX.)
(MIN.)
(MAX.)
16 W
36-75 Vdc
2.3 Vdc
2 V
0 A
8 A
86%
±0.1%
±0.2%
EXB30-48S2V0J
20 W
36-75 Vdc
2.9 Vdc
2.5 V
0 A
8 A
87%
±0.1%
±0.2%
EXB30-48S2V5J
26.4 W
36-75 Vdc
3.8 Vdc
3.3 V
0 A
8 A
90%
±0.1%
±0.2%
EXB30-48S3V3J
30 W
36-75 Vdc
5.65 Vdc
5 V
0 A
6 A
92%
±0.1%
±0.2%
EXB30-48S05J
30 W
36-75 Vdc
14.2 Vdc
12 V
0 A
2.5 A
90%
±0.1%
±0.2%
EXB30-48S12J
TRIM
UP
+ Sense
Trim
- Sense
TRIM
DOWN
RT1
or
RT2
EXTERNAL OUTPUT TRIMMING
All models can be externally trimmed by
using the method shown below.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com