Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB50 Datasheet(PDF) 1 Page - Emerson Network Power

Part # EXB50
Description  20-50 W High Efficiency DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB50 Datasheet(HTML) 1 Page - Emerson Network Power

  EXB50 Datasheet HTML 1Page - Emerson Network Power EXB50 Datasheet HTML 2Page - Emerson Network Power EXB50 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS
20-50 W High Efficiency DC-DC Converters
1
2 YEAR WARRANTY
EXB50 Series
Single output
• High efficiency topology, 91% typical on EXB50-48S05J
• Industry standard footprint
• Wide operating temperature -40 °C to +70 °C
(natural convection)
• 60% to 110% output trim
• No minimum load
• Overvoltage and overtemperature protection
• Remote sense compensation
• Remote ON/OFF
• Available RoHS compliant
The EXB50 series of 50 Watt single-output isolated dc-dc converters are specifically
designed to meet the power needs of low-voltage silicon. Housed in an open-frame
package with an industry-standard footprint, these latest-generation converters offer
efficiencies as high as 91%. The series comprises three 24 V input models with 5 V,
3.3 V and 2 V outputs, and six 48 V input models with 12 V, 5 V, 3.3 V 2.5 V, 2 V and
1.8 V outputs. All models feature a wide input range, trimmable output voltage and a
10 A current rating (except the 12 V). Remote sense and remote ON/OFF facilities are
included as standard, and the converters are comprehensively protected against
overcurrent, overvoltage and overtemperature conditions.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
60% to 110%
Setpoint accuracy
±1.5% max.
Line regulation
Low line to high line
0.1% max.
Load regulation
Full load to min. load
0.2% max.
Total error band
±3.0%
Minimum load
0%
Overshoot
At turn-on and turn-off
None
Undershoot
None
Ripple and noise
5 Hz to 20 MHz
100 mV pk-pk
(See Note 1)
20 mV rms
Transient response
24 V models
3.0% peak deviation
(See Notes 2 and 8)
48 V models
2.0% peak deviation,
200 µs recovery to
within total error band
Remote sense
(See Note 9)
10% o/p voltage change
INPUT SPECIFICATIONS
Input voltage range
24 V nominal
18-36 Vdc
48 V nominal
36-75 Vdc
(See Note 14)
100 V 100 ms transient
Input current
24 V no load
85 mA max.
24 V Remote OFF
20 mA max.
48 V no load
60 mA max.
48 V Remote OFF
10 mA max.
Input current (max.)
24 V models
3.25 A max. @ Io max.
(See Note 4)
and Vin = 18-36 Vdc
48 V models
1.7 A max. @ lo max.
and Vin = 36-75 Vdc
Input reflected ripple
24 V models
20 mA (pk-pk) typ.
(See Note 6)
48 V models
50 mA (pk-pk) typ.
Remote ON/OFF
(See Note 15)
Logic compatibility
Open collector ref to -input
ON
Open circuit or >2 Vdc
OFF
<1.2 Vdc
File Name: exb50s.pdf Rev (02): 05 Dec 2005
INPUT SPECIFICATIONS Continued
Undervoltage lockout
24 V Power up
17 V max.
24 V Power down
15 V min.
48 V Power up
33.2 V max.
48 V Power down
30.9 V min.
Start-up time
Power up
30 ms
(See Note 7)
Remote ON/OFF
25 ms
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 3)
Level A
EN55022 (See Note 3)
Level B
Radiated emissions
EN55022
Level A
Immunity:
(See Note 13)
ESD air
EN61000-4-2 8 kV (NP), 15 kV (RP)
ESD contact
EN61000-4-2 6 kV (NP), 8 kV (RP)
Radiated field enclosure
EN61000-4-3 10 V/m (NP)
Conducted (DC power)
EN61000-4-6 10 V (NP)
Conducted (signal)
EN61000-4-6 10 V (NP)
GENERAL SPECIFICATIONS
Efficiency
See table
Basic insulation
Input/output
1500 Vdc
Switching frequency
Fixed
300 kHz typ.
Approvals and
IEC60950/EN60950, UL/cUL1950
standards (See Note 5)
CSA C22.2 No. 950
Material flammability
UL94V-0
Weight
50 g (1.77 oz)
MTBF
MIL-HDBK-217F @ 25 ºC
270,000
100% load ground benign
hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient.
-40 °C to +70 °C
(See Notes 11, 12)
temperature (natural convection)
Non-operating
-55 °C to +125 °C
ETS 300 019-2-3
Classes T3.1 to T3.5
Altitude
3,000 metres
Derate max. output
(See Note 10)
current by 20%
10,000 metres
Derate max. output
current by 50%


Similar Part No. - EXB50

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXB50 ARTESYN-EXB50 Datasheet
52Kb / 2P
50W High Efficiency DC/DC Converters
EXB50-48D05-3V3 ARTESYN-EXB50-48D05-3V3 Datasheet
52Kb / 2P
50W High Efficiency DC/DC Converters
EXB50-48D05-3V3J ARTESYN-EXB50-48D05-3V3J Datasheet
204Kb / 2P
50 W High Efficiency DC-DC Converters
EXB50-48D3V3-1V8 ARTESYN-EXB50-48D3V3-1V8 Datasheet
52Kb / 2P
50W High Efficiency DC/DC Converters
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
50 W High Efficiency DC-DC Converters
More results

Similar Description - EXB50

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXQ60D ARTESYN-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
logo
Emerson Network Power
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
20 W DC-DC Converters
CXE15 EMERSON-NETWORKPOWER-CXE15 Datasheet
262Kb / 3P
15 W High Efficiency DC-DC Converters
EXA40 EMERSON-NETWORKPOWER-EXA40 Datasheet
132Kb / 3P
40 W High Efficiency DC-DC Converters
EXQ60D EMERSON-NETWORKPOWER-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
logo
Artesyn Technologies
CXA20-48S3V3J ARTESYN-CXA20-48S3V3J Datasheet
132Kb / 3P
20 W DC-DC Converters
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
50 W High Efficiency DC-DC Converters
EXB30-24D05-3V3J ARTESYN-EXB30-24D05-3V3J Datasheet
142Kb / 3P
30 W High Efficiency DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com