Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB50 Datasheet(PDF) 2 Page - Emerson Network Power

Part # EXB50
Description  20-50 W High Efficiency DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB50 Datasheet(HTML) 2 Page - Emerson Network Power

  EXB50 Datasheet HTML 1Page - Emerson Network Power EXB50 Datasheet HTML 2Page - Emerson Network Power EXB50 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output can be externally trimmed
by using the method shown below.
PROTECTION
Short-circuit
Continuous
Over-voltage
Non-latching clamp
Thermal
120 ºC hot spot temperature with
automatic recovery
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2, input voltage
and current requirements
For the most current data and application support visit www.artesyn.com/html/products.html
N
No
otte
es
s
1
Measured as per recommended set-up. 150 mV pk-pk for EXB50-
48S12J.
2
di/dt = 0.1 A/µs, Vin = 24/48 Vdc, Tc = 25 °C, load change = 0.5 lo max.
to 0.75 lo max. and 0.75 lo max. to 0.5 lo max.
3
The EXB50 meets level A and level B conducted emissions only with
external components connected before the input pins to the converter.
4
Recommended input fusing is a 6.3 A HRC 200 V rated fuse on the 24 V
and 3.15 A HRC 200 V rated fuse on the 48 V.
5
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
6
Simulated source impedance of 12 µH. 12 µH inductor in series with
+Vin.
7
Start-up into resistive load.
8
EXB50-24S2V0J model has 5.0% max. deviation and 300 µs recovery.
9
Maximum output deviation is 10% inclusive of trim.
10 Contact factory for operation at higher altitude.
11 See Application Note 113 for derating curves.
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
EXB50 Series
Single output
DC-DC CONVERTERS
20-50 W High Efficiency DC-DC Converters
2
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(16,17)
(MAX.)
(MIN.)
(MAX.)
20 W
18-36 Vdc
2.4 Vdc
2 V
0 A
10 A
86.5%
±0.1%
±0.2%
EXB50-24S2V0J
33 W
18-36 Vdc
3.9 Vdc
3.3 V
0 A
10 A
89.0%
±0.1%
±0.2%
EXB50-24S3V3J(14)
50 W
18-36 Vdc
6 Vdc
5 V
0 A
10 A
90.0%
±0.1%
±0.2%
EXB50-24S05J
18 W
36-75 Vdc
2.15 Vdc
1.8 V
0 A
10 A
85.7%
±0.1%
±0.2%
EXB50-48S1V8J(15)
20 W
36-75 Vdc
2.45 Vdc
2 V
0 A
10 A
87.5%
±0.1%
±0.2%
EXB50-48S2V0J(15)
25 W
36-75 Vdc
2.95 Vdc
2.5 V
0 A
10 A
87.5%
±0.1%
±0.2%
EXB50-48S2V5J(15)
33 W
36-75 Vdc
4 Vdc
3.3 V
0 A
10 A
90.0%
±0.1%
±0.2%
EXB50-48S3V3J(14,15)
50 W
36-75 Vdc
6.15 Vdc
5 V
0 A
10 A
91.0%
±0.1%
±0.2%
EXB50-48S05J(15)
50 W
36-75 Vdc
14.2 Vdc
12 V
0 A
4.2 A
90.0%
±0.1%
±0.2%
EXB50-48S12J(15)
File Name: exb50s.pdf Rev (02): 05 Dec 2005
N
No
otte
es
s C
Co
on
nttiin
nu
ue
ed
d
12 Wide operating temperature on the EXB50-24S05J is -40 ºC to +60 ºC.
13 Input transient (48 V) ETS300 132-2 ETR283.
14 100 V, 100 ms transient applies to the EXB50-24S3V3J and the EXB50-
48S3V3J models. Please add the suffix 'R03' to the model number e.g.
EXB50-48S3V3R03J. This is also active low remote ON/OFF.
15 Active low remote ON/OFF available. Please add suffix '-R' to model
number e.g. EXB50-48S3V3-RJ.
16 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
17 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
EXTERNAL OUTPUT TRIMMING
TRIM
UP
+ Sense
Trim
- Sense
TRIM
DOWN
RT1
or
RT2
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E174104
TÜV Product Service. Certificate No. B 03 08 38572 036



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com