Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB100 Datasheet(PDF) 2 Page - Emerson Network Power

Part # EXB100
Description  100 W DC-DC Isolated Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB100 Datasheet(HTML) 2 Page - Emerson Network Power

  EXB100 Datasheet HTML 1Page - Emerson Network Power EXB100 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PROTECTION
Short circuit
Continuous
Overvoltage
Non-latching clamp
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2 input voltage
and current requirements
EXB100 Series
Single output
DC-DC CONVERTERS 100 W DC-DC Isolated Converters
2
Please consult our website for the following items:
 Application Note  Longform Datasheet
NEW Product
www.artesyn.com
File Name: exb100s.pdf Rev: 18 Apr 2006
2.280
±0.02
(57.91
±0.5)
1.900
(48.26)
Ø0.040
±0.002
(Ø1.02
±0.05)
6 Places
Ø0.080
±0.002
(Ø2.03
±0.05)
2 Places
Max open-frame
converter height
All dimensions in inches (mm)
General tolerance
±0.01in (±0.25mm)
except where specified otherwise
Minimum clearance from
seating plane to
underside components
Remote
ON/OFF
Vin-
Vin+
Vo+
Vo-
Trim
Bottom View
Sense-
Sense+
seating plane
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E174104
TÜV Product Service. Certificate No. B 02 02 38572 031
N
No
otte
es
s
1
Measured as per recommended set-up. See Application Note 129 for details.
2
di/dt = 0.1 A/µs, Vin = 48 Vdc, Tc = 25 °C, load change = 0.5 lo max. to
0.75 lo max. and 0.75 lo max. to 0.5 lo max.
3
Recommended input fusing is a 5 A HRC 200 V rated fuse.
4
Measured with external filter. See Application Note 129 for details.
5
Signal line assumed <3 m in length.
6
Start-up into resistive load.
7
The EXB100 meets levels A and B conducted emissions with external
components. See Application Note 129 for details.
8
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
9
Negative remote ON/OFF option also available. Add suffix ‘-R’ to part
number, for example EXB100-48S05-RJ.
10 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
-Vin
2
No Pin
3
Remote ON/OFF
4
+Vin
5
+Vout
6
+Sense
7
Trim
8
-Sense
9
-Vout
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(10)
(MAX.)
(MIN.)
(MAX.)
100 W
36-75 Vdc
6.0 Vdc
5 V
0 A
20 A
91.5%
±0.2%
±0.4%
EXB100-48S05J (9)
100 W
36-75 Vdc
3.9 Vdc
3.3 V
0 A
30 A
90.5%
±0.2%
±0.4%
EXB100-48S3V3-RJ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com