Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB100 Datasheet(PDF) 1 Page - Emerson Network Power

Part # EXB100
Description  100 W DC-DC Isolated Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB100 Datasheet(HTML) 1 Page - Emerson Network Power

  EXB100 Datasheet HTML 1Page - Emerson Network Power EXB100 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 7)
Level A
EN55022 (See Note 7)
Level B
Radiated emissions
EN55022
Level A
(See Longform Datasheet)
Immunity:
ESD air
EN61000-4-2 8 kV, 15 kV
ESD contact
EN61000-4-2 6 kV, 8 kV
Radiated field enclosure
EN61000-4-3 10 V/m
Conducted (DC power)
EN61000-4-6 10 V
Conducted (signal)
EN61000-4-6 10 V
(See Note 5)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Basic insulation
Input/output
1500 Vdc
Switching frequency
5 V
300 kHz typ.
(Fixed)
3.3 V
220 kHz typ.
Approvals and
TÜV Product Service
standards (See Note 8)
UL/cUL60950
Material flammability
UL94V-0
Weight
45 g (1.59 oz)
MTBF
MIL-HDBK-217F
1,034,000 hours
Representative model:
100% load, ground benign
BELLCORE 332
591,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-40 °C to +90 °C
temperature
Non-operating
-40 °C to +125 °C
Altitude derating
3,000 m
20%
(above sea level)
10,000 m
50%
DC-DC CONVERTERS 100 W DC-DC Isolated Converters
1
2 YEAR WARRANTY
EXB100 Series
Single output
• Ultra wide trim range, 60% to 110% (1.08 Vdc to 5.5 Vdc)
• High efficiency, 91.5% @ 5 Vdc, 90.5% @ 3.3 Vdc
• Basic insulation (input to output)
• Industry standard half-brick pin-out
• No minimum load
• Overvoltage and overtemperature protection
• Remote ON/OFF
• Available RoHS compliant
The EXB100 series of 100 W single output isolated dc-dc converters are specially
designed to meet the power needs of low voltage silicon. Housed in an open-frame
package with standard footprint, these latest generation converters offer efficiencies as
high as 91.5% (typical on 5 V at 20 A). The series comprises two 48 V input models
with 5 V and 3.3 V outputs. The 3.3 V model features a wide input range, trimmable
output voltage and 30 A output (the 5 V model is limited to 20 A). Remote sense and
remote ON/OFF facilities are included as standard, and the converters are
comprehensively protected against overcurrent, overvoltage and overtemperature
conditions.
NEW Product
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS
File Name: exb100s.pdf Rev: 18 Apr 2006
OUTPUT SPECIFICATIONS
Voltage adjustability
60% to 110%
Output setpoint accuracy
1.5%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±0.4% max.
Total error band
3.0%
Minimum load
0%
Overshoot
At turn-on and turn-off
None
Undershoot
None
Ripple and noise
(See Note 1)
100 mV pk-pk
5 Hz to 20 MHz
50 mV rms
Transient response
Deviation
150 mV
(See Note 2)
300 µs recovery to
within total error band
INPUT SPECIFICATIONS
Input voltage range
36-75 Vdc
Input current
No load
150 mA
Remote OFF
20 mA
Input current (max.)
(See Note 3)
3.15 A max. @ Io max.
and Vin = 36-75 Vdc
Input reflected ripple
(See Note 4)
60 mA (pk-pk)
Remote ON/OFF
(See Note 5)
Logic compatibility
Open collector ref to -input
ON
>2 Vdc
OFF
<1.2 Vdc
Undervoltage lockout
Power up
36 V
Power down
30 V
Start-up time
Power up
40 ms
(See Note 6)
Remote ON/OFF
35 ms


Similar Part No. - EXB100

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXB100 ARTESYN-EXB100 Datasheet
59Kb / 2P
54-100W DC/DC Isolated Converters
EXB100-48S05 ARTESYN-EXB100-48S05 Datasheet
59Kb / 2P
54-100W DC/DC Isolated Converters
EXB100-48S1V8 ARTESYN-EXB100-48S1V8 Datasheet
59Kb / 2P
54-100W DC/DC Isolated Converters
EXB100-48S3V3 ARTESYN-EXB100-48S3V3 Datasheet
59Kb / 2P
54-100W DC/DC Isolated Converters
More results

Similar Description - EXB100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
ISOLATED DC/DC CONVERTERS
XRSB-50R08X BEL-XRSB-50R08X Datasheet
185Kb / 7P
ISOLATED DC/DC CONVERTERS
logo
Emerson Network Power
NXA66 EMERSON-NETWORKPOWER-NXA66 Datasheet
653Kb / 2P
66 W Non-isolated DC-DC Converters
SIP20C EMERSON-NETWORKPOWER-SIP20C Datasheet
92Kb / 2P
DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
logo
Bel Fuse Inc.
0RCM-55S12X BEL-0RCM-55S12X Datasheet
501Kb / 6P
ISOLATED DC/DC CONVERTERS
0RCN-70S10L BEL-0RCN-70S10L Datasheet
101Kb / 3P
ISOLATED DC/DC CONVERTERS
0RCR-15T08X BEL-0RCR-15T08X Datasheet
122Kb / 5P
ISOLATED DC/DC CONVERTERS
07CM-38S BEL-07CM-38S_08 Datasheet
131Kb / 5P
ISOLATED DC/DC CONVERTERS
0REB-C0T06X BEL-0REB-C0T06X Datasheet
462Kb / 14P
ISOLATED DC/DC CONVERTERS
RQB-100Y BEL-RQB-100Y Datasheet
1Mb / 14P
100 W Isolated DC-DC Converter
06 Mai 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com