Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D44H Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # D44H
Description  isc Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D44H Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  D44H Datasheet HTML 1Page - Inchange Semiconductor Company Limited D44H Datasheet HTML 2Page - Inchange Semiconductor Company Limited D44H Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
D44H Series
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
D44H10
IC= 8A ;IB= 0.8 A
VCE(sat)
Collector-Emitter
Saturation Voltage
D44H8,11
IC= 8A ;IB= 0.4 A
1
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 8A ;IB= 0.8 A
1.5
V
ICES
Collector Cutoff Current
VCE=Rated VCEO;
10
μA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
100
μA
D44H10
35
hFE-1
DC Current Gain
D44H8,11
IC= 2A ; VCE= 1V
60
D44H10
20
hFE-2
DC Current Gain
D44H8,11
IC= 4A ; VCE= 1V
40
COB
Output Capacitance
VCB= 10V,f= 0.1MHz
130
pF
fT
Current-Gain—Bandwidth Product
IC= 0.5A;VCE= 10V;ftest=20MHz
50
MHz
Switching Times
ts
Storage Time
0.5
μs
tf
Fall Time
IC= 5A; IB1= -IB2= 0.5A
VCC= 20V
0.14
μs
isc Website:www.iscsemi.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com