Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D44H Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # D44H
Description  isc Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D44H Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  D44H Datasheet HTML 1Page - Inchange Semiconductor Company Limited D44H Datasheet HTML 2Page - Inchange Semiconductor Company Limited D44H Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
D44H Series
DESCRIPTION
·Low Saturation Voltage
·Fast Switching Speeds
·Complement to Type D45H Series
APPLICATIONS
·Designed for general purpose power amplification and
switching such as output or driver stages in applications
such as switching regulators,converters and power amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
D44H8
60
VCEO
Collector-Emitter
Voltage
D44H10,11
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
10
A
ICM
Collector Current-Peak
20
A
PC
Collector Power Dissipation
@TC=25℃
50
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.5
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
75
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - D44H

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D44H MOSPEC-D44H Datasheet
157Kb / 3P
POWER TRANSISTORS(10A,30-80V,50W)
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
103Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
November, 2014 ??Rev. 13
logo
Boca Semiconductor Corp...
D44H BOCA-D44H Datasheet
163Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
68Kb / 5P
Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
Rectron Semiconductor
D44H RECTRON-D44H Datasheet
189Kb / 4P
10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
More results

Similar Description - D44H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com