Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS35 Datasheet(PDF) 2 Page - Emerson Network Power

Part # HPS35
Description  Active Power Factor Correction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS35 Datasheet(HTML) 2 Page - Emerson Network Power

  HPS35 Datasheet HTML 1Page - Emerson Network Power HPS35 Datasheet HTML 2Page - Emerson Network Power HPS35 Datasheet HTML 3Page - Emerson Network Power HPS35 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Watts
350
InputVoltage
90-264
ModuleID
HPS35
Code
Volt
OutputAmps
L
12.0
29.2
Q
24.0
14.6
W
48.0
7.3
Max.Size(HxWxL) 1.6”x4.3”x10.5”
NumberperRack 4
UnitWeight(lbs) 3.2
(All units in mm)
1
A B C D E F
H J
K L
M N P R S T U V W X Y Z AA AB
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
TOP SIDE 1-24
PIN NO.
1
2
3
4
5
6
7
8
9
10
11
12
13
5V RTN
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
AC (L)
BLANK
SWP
GND
AC (N)
BLANK
SIGNAL NAME
+SENSE
H
COMMON
P
L
N
M
K
J
COMMON
COMMON
COMMON
COMMON
COMMON
SIGNAL NAME
AC (L)
A
D
F
E
C
B
BLANK
GND
-SENSE
BLANK
AC (N)
PIN NO.
SIGNAL NAME
AC OK
TBD
I2C DATA
DC OK
INHIBIT
X
BLANK
20
23
24
22
21
FAN MON
I2C CLK
+5V STANDBY
TBD
AA
AB
Z
Y
SIGNAL NAME
+12V
14
17
19
18
16
15
PIN NO.
R
+12V
U
W
V
T
S
PIN NO.
+12V
+12V
+12V
+12V
+12V
+12V
+12V
+12V
+12V
+12V
TOP
BOTTOM
TOP
BOTTOM
PIN DESIGNATION
Rev.2.18.09_133
HPS35 Series
2 of 4
EnvironmentalSpecifications
Modules
HPS35L-NNR-000
12V
HPS35Q-NNR-000
24V
HPS35W-NNR-000
48V
OrderingInformation
ModuleInformation
PinAssignments
HPS35Module
Bottom
Top
Pin Description Pin Description
1
AC(L)
13 COMMON
2
BLANK
14 VOUT
3
AC(N)
15 VOUT
4
BLANK
16 VOUT
5
GND
17 VOUT
6
SWP
18 VOUT
7
5VRTN
19 VOUT
8
COMMON
20 BLANK
9
COMMON
21 +5STANDBY
10 COMMON
22 TBA
11 COMMON
23 FANMON
12 COMMON
24 I2CCLK
Pin Description Pin Description
A
AC(L)
P
COMMON
B
BLANK
R
VOUT
C
AC(N)
S
VOUT
D
BLANK
T
VOUT
E
GND
U
VOUT
F
-SENSE
V
VOUT
H
+SENSE
W VOUT
J
COMMON
X
INHIBIT
K
COMMON
Y
TBA
L
COMMON
Z
ACOK
M
COMMON
AA DCOK
N
COMMON
AB I2CDATA
Matingconnector:
EDAC307-048-520-201or
equivalent
Rating:5Apercontact
Unit Connector
CardEdgeConnectorwithgoldfingersdouble-sided1.6mmFR-4PCB
Operatingtemperature: 0°to50°Cambient.Derateeachoutput2.5%perdegreefrom50°to70°C
Shock:
Operating:4g,halfsine,22msminimumduration,all6faces
Non-operating:30g,halfsince,6msminimumduration,all6faces
RandomVibration:
Operating:1grms,20min/axis
Non-operating:2.5grms,20min/axis
Humidity:
95%non-condensing
StorageTemperature:
-40°to+85°C
Temperaturecoefficient: 0.04%per°C
Cooling
InternalDCfans



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com