Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS35 Datasheet(PDF) 4 Page - Emerson Network Power

Part # HPS35
Description  Active Power Factor Correction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS35 Datasheet(HTML) 4 Page - Emerson Network Power

  HPS35 Datasheet HTML 1Page - Emerson Network Power HPS35 Datasheet HTML 2Page - Emerson Network Power HPS35 Datasheet HTML 3Page - Emerson Network Power HPS35 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Pin2+RemoteSense
Pin3-RemoteSense
Compensatesforupto0.5Vdrop.
Recommendedshieldedtwistedwire
pair.
Pin12-GlobalACOK(OUTsignal)
Note:ACOKsignalsareOR’edtogether
internally.Ifanymodulefails,theLED
ontheaffectedmodulewillbeoffand
thelogicsignalwillindicateACNOTOK.
Pin19-GlobalInhibit(INsignal)
Note:AlloutputsdisabledwhenPin19
isopenorHigh.
Pin22-SWP(IN/OUTsignal)
SWPPinisusedwhen
connectingracksin
paralleltoachieve
currentsharing.Current
shareaccuracyis
typically 10% of full load.
Note:SWPVoltageis5Vat100%load
current.
ModuleInhibit(INSignal)
Note:ModuleInhibitsignalsforeach
slotintherackisaccessibleintheD-sub
connector(J18).RefertoConnector
Pin-outtableforpinassignments.Pin1
istheReturnPin.
DCOK(OUTSignal)
Note:DCOKsignalsforeachslotinthe
rackisaccessibleintheD-sub
connector(J18).RefertoConnector
Pin-outtableforpinassignments.Pin1
istheReturnPin.
ACOK(OUTSignal)
Note:ACOKsignalsforeachslotinthe
rackisaccessibleintheD-sub
connector(J18).RefertoConnector
Pin-outtableforpinassignments.Pin1
istheReturnPin.
Histate:Source100uA@4V
LowState:Sink10mA@0.5V
FanMonitor(OUTSignal)
Note:FanMonitorsignalsforeachslot
intherackisaccessibleintheD-sub
connector(J18).RefertoConnector
Pin-outtableforpinassignments.Pin1
istheReturnPin.
I2C_ADD#1
I2C_ADD#2
TBD
Rev.2.18.09_133
HPS35 Series
4 of 4
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
information or for any errors or omissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-critical continuity.
ACPower
Connectivity
DCPower
D.SubConnectorAdditionalNotes
PIN 22
PIN 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com