Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBC32 Datasheet(PDF) 1 Page - Emerson Network Power

Part # IBC32
Description  5:1 Eighth-Brick IBC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IBC32 Datasheet(HTML) 1 Page - Emerson Network Power

  IBC32 Datasheet HTML 1Page - Emerson Network Power IBC32 Datasheet HTML 2Page - Emerson Network Power IBC32 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Power for
Business-Critical Continuity
IBC32
Eighth-Brick
Series
Fixed Ratio
2nd Generation IBC
Special Features
• 48 V input with isolated 9.6 V
output
• Ultra-high efficiency, 97%
• Unprecedented usable
output power levels
• High power density
open-frame technology
• Wide operating ambient
temperature range
• Industry standard eighth-
brick footprint and pinout
• Low profile, 0.48" (12.2 mm)
• Meets basic insulation
requirements of EN60950-1
• Remote ON/OFF and
overtemperature protection
• RoHS compliant
• 2 year warranty
Total Power:
300W
Input Voltage: 38 - 55 Vdc
Safety
UL/cUL 60950-1, 1st Edition
EN 60950-1 VDE
Rev.05.12.08
eighth_brick_300w_ibc32
1 of 4
Electrical Specifications
Output
Line regulation:
Low line to high line
See table
Load regulation
Full load to min. load
See table
Total error band (including set-
point, line, load and temperature)
Vin = 38 V to 55 V
7.0 - 11.0 Vdc
Minimum load
0 A
Overshoot
At turn on and turn-off
None
Undershoot
None
Ripple and noise
5 - 20 MHz
(See note 2)
100 mV pk-pk typ.
30 mV rms typ.
Input
Input voltage range
38 - 55 Vdc
Input current
Remote OFF
7 mA typ.
Input current (max.)
(See note 1)
8.6 A max. @ lo max.
and Vin = min. rated
Input reflected ripple
(See note 4)
550 mA (pk-pk)
200 MA rms
Remote ON/Off
Logic compatiblity
On
OFF
(see note 6)
Open collector ref. to- input
>2.4 Vdc
<0.8 Vdc
Undervoltage lockout
Power-up
35 V
Power-down
33.5 V
Startup time (see note 3)
Power-up
12 ms
Remote ON/OFF
1 ms


Similar Part No. - IBC32

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IBC30AQS4812J EMERSON-NETWORKPOWER-IBC30AQS4812J Datasheet
329Kb / 4P
2nd Generation IBC
IBC38AQT4812J EMERSON-NETWORKPOWER-IBC38AQT4812J Datasheet
329Kb / 4P
2nd Generation IBC
More results

Similar Description - IBC32

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
TQN20A EMERSON-NETWORKPOWER-TQN20A Datasheet
107Kb / 4P
Quarter-brick narrow input IBC
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
Eighth-brick DC-DC Converter
logo
Emerson Network Power
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
1/16th Brick IBC Series
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
Industry standard Eighth-brick
logo
SynQor Worldwide Headqu...
BQ35211EEC60 SYNQOR-BQ35211EEC60 Datasheet
2Mb / 11P
Extended Eighth-brick package
logo
Artesyn Technologies
AVO75B-36S3V3 ARTESYN-AVO75B-36S3V3 Datasheet
1Mb / 26P
Eighth-brick Converter
logo
DATEL, Inc.
EB48S5-30 DATEL-EB48S5-30 Datasheet
131Kb / 1P
Eighth-Brick 150-Watt, 5 Volts Output
EB48S5-10 DATEL-EB48S5-10 Datasheet
130Kb / 1P
Eighth-Brick 50-Watt, 5 Volts Output
EB45S5-15 DATEL-EB45S5-15 Datasheet
139Kb / 1P
Eighth-Brick 75-Watt, 5 Volts Output
EB22S5-15 DATEL-EB22S5-15 Datasheet
139Kb / 1P
Eighth-Brick 75-Watt, 5 Volts Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com