Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBC32 Datasheet(PDF) 2 Page - Emerson Network Power

Part # IBC32
Description  5:1 Eighth-Brick IBC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IBC32 Datasheet(HTML) 2 Page - Emerson Network Power

  IBC32 Datasheet HTML 1Page - Emerson Network Power IBC32 Datasheet HTML 2Page - Emerson Network Power IBC32 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Family
IBC Intermediate
Bus Converter
2nd Generation
IBC
32A
E
N
48
96
-
R
E
N
J
Rev.05.12.08
eighth_brick_300w_ibc32
2 of 4
Embedded Power for
Business-Critical Continuity
Thermal
performance
Operating ambient,
-40 °C to +85 °C
temperature
Non-operating
-55 °C to +125 °C
Protection
Short-circuit Hiccup
Overvoltage
(See note 9)
Non-latching
Thermal
125 °C hot spot
Environmental Specifications
General Specifications
Efficiency
97%
Basic insulation
Input/output
2250 Vdc
Switching frequency
Fixed
350 kHz typ.
Approvals and
standards (see note 5)
EN60950-1 VDE
UL/cUL60950-1
Material flammability
UL94V-0
Weight
37 g (1.31 oz)
MTBF
Representative model:
Telcordia Tech SR-332
2,100,000 hours
48 Vin, 40 °C, 50% load
ground benign
EMC Charateristics
Immunity:
ESD air enclosure
EN61000-4-2 8 kV, 6 kV
(Air contact)
Input transients:
Input voltage
Duration before shutdown
>58 V
2 seconds
>60 V
1 second
>62 V
0 seconds
All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
Rated Output
Current
32 A = 32
Amps at 48 V
Remote
ON/OFF Logic
Blank =
Positive
R = Negative
(See Note 6)
Input Voltage Type
T = Narrow Input
Fixed Ratio
S = Narrow Input
Semi-reguated
N = Narrow Telecom
Fixed Ratio
W = Wide Telecom
Semi-reguated
RoHS
Compliance (10)
J = Pb-free
(RoHS 6/6
compliant)
Pin Length
Options
Blank = 0.188 ”
(4.78 mm)
N = 0.145 ”
(3.68 mm)
K = 0.110 ”
(2.79 mm)
Package, Body
Height
E = Open-
frame, 0.48 in
(12.2 mm)
Output
Voltage
96 = 9.6 V
Input
Voltage
48 = 48 V
Form Factor
E = Eighth-
Brick
Ordering Information
Output
Power
(Max.)
Input
Voltage
Output
Voltage
Output
Current
(Min.)
Output Current
(Max.)
Efficiency
(Typ.)
Regulation2
Model Number
Set Point
Accuracy %
Line %
Load
300 W
38 - 55 Vdc
9.6 V
0 A
32 A
97%
---
ΔVin/5
2.3%
IBC32AEN4896J
Part Number System with Options
Notes
1
Recommended input fusing is a 20 A HRC 250 V rated fuse.
2
Measured with external filter. See Application Note 208 for details.
3
Start-up into resistive load.
4
Peak to peak measured without external Pi filter. Significant reduction
possible with external filter. See Application Note 208 for details.
5
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
6
Active-low remote ON/OFF option is also available. Please add the suffix ‘-R’
to the part number, e.g. IBC32AEN4896-REJ.
7
Maximum output power at maximum input voltage.
8
Efficiency at 100% maximum output voltage.
9
After an input overvoltage latch off, the input voltage must be returned to 55
V or lower for unit to restart.
10 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com