Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ142 Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPQ142
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPQ142 Datasheet(HTML) 2 Page - Emerson Network Power

  LPQ142 Datasheet HTML 1Page - Emerson Network Power LPQ142 Datasheet HTML 2Page - Emerson Network Power LPQ142 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
MaximumLoadwith
ConvectionCooling
MaximumLoad
with30CFM
ForcedAir
PeakLoad1 Regulation2
RippleP/P
(PARD)3
LPQ142
5V(3.3-5.5V)
0A
12A
25A
27A
±2%
50mV
12V
0A
5A
6A
9A
±3%
120mV
-12V(-12-15V)
0A
1A
1.5A
2A
±3%
<1%
±3.3-25V
0.5A
1.5A
4.5A
5A
±3%
<50mVor1%
1. Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20MHzbandwidthand10µFinparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.
4. 4thoutputadjustable3.3-25Vfactorysetat5V.
5.*Minimumloadsarerequiredwhenoutputsetbelow5Volts
6.RemoteinhibitresetsOVPlatch
Note:-Csuffixaddedtothemodelnumberindicatescoveroption.
-CFsuffixaddedtothemodelnumberindicatesfancoveroption.
Rev. 11.17.08_103
LPQ142 Series
2 of 3
Operatingtemperature: 0°to50°Cambient.Derateeachoutput2.5%perdegreefrom50°to
70°C(exceptfor-Cversion).
Storagetemperature:
-40°Cto+85°C
Temperaturecoefficient: ±0.4%per°C
Electromagnetic
susceptibility:
DesignedtomeetIE61000-4,-2,-3,-4,-5,-6,-8,-11,Level3
Humidity:
Operating;non-condensing5%to95%
Vibration:
Threeorthogonalaxes,sweepat1oct/min,5min.dwellatfourmajor
resonances0.75Gpeak5Hzto500Hz,operational
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
LogicControl
ACpowerfailure:
TTLlogicsignalgoeshigh100-500msecafterV1output;Itgoeslow
atleast4msecbeforelossofregulation
Remoteinhibit:
Requirescontactclosuretoinhibitoutputs
Remotesense:
Compensatesfor0.5Vleaddropmin.Willoperatewithoutremote
senseconnected.Reverseconnectionprotected.
DC-OK:
TTLlogicsignalgoeshighaftermainoutputisinregulation.Itgoeslow
whenthereisalossofregulation
Mating Connectors
(SK1)ACInput:
Molex09-50-8051(USA)
Molex09-91-0500(UK)
PINS:08-58-0111
(SK2)AuxDCOutput: Molex09-50-8061(USA)
Molex09-91-0600(UK)
PINS:08-58-0111
(SK6)ControlSignals: Molex90142-0010(USA)
PINS:90119-2110or
Amp:87977-3
PINS:87309-8
(SK4)Mainoutput:
MolexBB-19141-0058
EmersonNetworkPowerconnectorkit#70-841-017,
includesaloftheabove.
PinAssignments
SK1
PIN1
Ground
PIN3
Neutral
PIN5
Line
SK2
PIN1
+12V
PIN2
Common
PIN3
-12V
PIN4
Common
PIN5
+5Vto+25V(float)
PIN6
Common(float)
SK4
TB-1
Common
TB-2
+5V
SK6
PIN1
N/C
PIN2
DCOK
PIN3
N/C
PIN4
V1SWP
PIN5
Common
PIN6
+V1sense
PIN7
Sense common
PIN8
+inhibit
PIN9
-inhibit
PIN10
Power fail



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com