Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ142 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPQ142
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPQ142 Datasheet(HTML) 1 Page - Emerson Network Power

  LPQ142 Datasheet HTML 1Page - Emerson Network Power LPQ142 Datasheet HTML 2Page - Emerson Network Power LPQ142 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Power for
Business-Critical Continuity
LPQ142 Series
145 Watts
Special Features
• Activepowerfactorcorrection
• IECEN61000-3-2compliance
• Adjustableoutputson1,3&4
Remote sense on main output
• Singlewirecurrentsharing
• Powerfailandremoteinhibit
• Built-inEMIfilter
• Lowoutputripple
• Overvoltageprotection
• Overloadprotection
• Thermaloverloadprotection
• Adjustablefloating4thoutput
• Optionalcover(-Csuffix)
• Optionalfancover(-CFsuffix)
Total Power:
110-145Watts
Input Voltage:
85-264VAC
120-300VDC
# of Outputs:
Quad
Electrical Specifications
Safety
Input
Inputrange:
85-264VAC;120-300VDC
Frequency:
47-67Hz
Inrushcurrent:
38Amax,coldstart@25°C
Efficiency:
75% typical at full load
EMIfilter:
MeetsFCCClassBconducted
CISPR22ClassBconducted
EN55022ClassBconducted
VDE0878PT3ClassBconducted
PowerFactor:
0.99typical
Safetyground
leakagecurrent:
1.0mA@50/60Hz,264VACinput
Output
Maximumpower:
80Wconvection(60Wwithcover-C)
145Wwith30CFMforcedair
(100Wwithcover-C)
Adjustmentrange:
3.3-5.5Vonmain;-12-15Von3rdoutput
3.3-25Von4thoutput
Hold-uptime:
20ms@175Wloadatnominalline
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverloadprotected@
110-145%abovepeakrating
Overvoltageprotection: Tracksoutputs1,3&4;10to35%
VDE
60950
UL
60950
CB
Certificate and report
CSA
60950
CE
Mark(LVD)
NEMKO EN60950/EMKO-TUE
•
•
•
•
•
•
Rev. 11.17.08_103
LPQ142 Series
1 of 3


Similar Part No. - LPQ142

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPQ142 ASTEC-LPQ142 Datasheet
1Mb / 2P
145 Watts
logo
Artesyn Technologies
LPQ142 ARTESYN-LPQ142 Datasheet
643Kb / 3P
Total Power: 110 - 145 Watts
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
Embedded Power for Business-Critical Continuity
More results

Similar Description - LPQ142

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com