Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS50-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS50-M
Description  Medical Safety Approvals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS50-M Datasheet(HTML) 1 Page - Emerson Network Power

  LPS50-M Datasheet HTML 1Page - Emerson Network Power LPS50-M Datasheet HTML 2Page - Emerson Network Power LPS50-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 1.08.09_149
LPS50-M Series
1 of 3
Embedded Power for
Business-Critical Continuity
LPS50-M Series
60 Watts
Special Features
•MedicalSafetyApprovals
•Universalinput
•Lessthan1Uhigh
•2”x4”footprint
•Remotesense
•Overloadandshortcircuit
protection
•Adjustableoutputvoltage
•Highefficiency
•HighMTBF
•BuiltinEMIfilter
(CISPR22ClassB)
•LEDpowergoodindicator
•Inputpower<74watts
•ComplieswithEN61000-3-2
•ULClassIapproved
•LPX50enclosurekitavailable
•DualACfuses
Total Power:
55-60Watts
Input Voltage:
90-264VAC
127-300VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-264VAC(widerange)127-300Vdc
Frequency:
47-440Hz
Inrushcurrent:
<60Apeak@230VAC,coldstart@25°C
Inputpower:
<74Watts
Efficiency:
80%-85%typicalatfullload
EMI/RFI:
FCCClassBconducted;CISPR22ClassBconducted;EN55022ClassB
conducted,VDE0878PT3ClassBconducted
Safetygroundleakage
current:
275uA@50/60Hz;264VACinput
Output
Maximumpower:
60Wforconvection(LPS52,55W)
Adjustmentrange:
±20%minimum
Hold-uptime:
10/20ms115/230VACinputline
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverloadprotected@
110-160%ofnormalrating
Overvoltageprotection: 30-50%abovenominaloutput
Remotesense:
Compensatesdfor0.5Vleaddropmax.Willoperatewithoutremotesense
connected.Reverseconnectionprotected.
UL:
UL60601-1
CSA: CSA-C22.2No.601.1-M90
VDE: EN60601-1
CE:
LVD&EMC
•
•
•
•


Similar Part No. - LPS50-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
60 Watts
More results

Similar Description - LPS50-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DPS50-M EMERSON-NETWORKPOWER-DPS50-M Datasheet
464Kb / 2P
Medical safety approvals
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
124Kb / 3P
Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
Medical safety approvals
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
Medical safety approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
Medical Safety Approvals
LPT60-M EMERSON-NETWORKPOWER-LPT60-M Datasheet
417Kb / 3P
Medical safety approvals
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
Medical safety approvals
logo
XP Power Limited
ECS25 XPPOWER-ECS25 Datasheet
4Mb / 11P
IT & Medical Safety Approvals
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
Medical Safety Approvals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com