Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS50-M Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPS50-M
Description  Medical Safety Approvals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS50-M Datasheet(HTML) 2 Page - Emerson Network Power

  LPS50-M Datasheet HTML 1Page - Emerson Network Power LPS50-M Datasheet HTML 2Page - Emerson Network Power LPS50-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 1.08.09_149
LPS50-M Series
 of 3
Embedded Power for
Business-Critical Continuity
Operatingtemperature:
0°to50°Cambientderateeachoutputas2.5%perdegreefrom50°to70°C.
-20°Cstartup
Storagetemperature:
-40°Cto+85°C
Electromagneticsusceptibility: DesignedtomeetEN61000-4;-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing10%to95%RH
Vibration:
IEC68-2-6tothelevelsofIEC721-3-2
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
MechanicalDrawing
3.75"
[95.3]
4.00"
[101.6]
0.16"
[4.0]
R22
SK1
TH1
C1
F2
L1
F1
C5
L3
DB1
C32
C24
C30
C17
C9
C18
Q6
T1
D4
R1
LED1
D2
T2
C22
SK2
C27
R3A
R3
Q5
L2
VR1
T3.15A 2.5A
250VAC
2005
+
GRN/
YEL
~
~
B
A
HTSK_SEC
C4
1
TP1
J
I
J3
F
H
J2
E
G
J1
D
TP2
J4
Mounting Hole
Ø0.16"[4.0] 4 Places
Max. Screw Head
Diameter .22” (5.6)
GND
3
1
M1
6
1
M2
0.197” (5.0) Minimum Standoff Height
VR1
Output Voltage
Adjust pot



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com