Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT82 Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPT82
Description  Power Factor Correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT82 Datasheet(HTML) 2 Page - Emerson Network Power

  LPT82 Datasheet HTML 1Page - Emerson Network Power LPT82 Datasheet HTML 2Page - Emerson Network Power LPT82 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load with
Convection Cooling
Maximum
Load with
30CFM
forced Air
Peak Load 1 Regulation 2
Ripple P/P
(PARD)3
LPT81
+3.3 V (1.8 - 3.5 V)
+5 V (3.3 - 5.5 V)
+12 V
0.7 A
0.3 A
0
8.0 A
4.0 A
0.7 A
13 A13 A
1.0 A
15 A
15 A
1.5 A
±2%
±2%
±5%
50 mV
50 mV
120 mV
LPT82
+5 V (3.3 - 5.5 V)
+12 V
-12 V
0.7 A
0.3 A
0
8.0 A
3.0 A
0.7 A
13 A
4.0 A
1.0 A
15 A
4.6 A
1.5 A
±2%
±5%
±5%
50 mV
120 mV
120 mV
LPT83
+5 V (3.3 - 5.5 V)
+15 V
-15 V
0.7 A
0.3 A
0
8.0 A
2.4 A
0.7 A
13 A
3.2 A
0.7 A
15 A
3.7 A
1 A
±2%
±5%
±5%
50 mV
150 mV
150 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load
ranges.
4. Minimum loads are required
5. Total current of all outputs can not exceed 21 A.
Rev. 05.23.08
LPT80 Series
2 of 3
Operating temperature:
0° to 50 °C ambient;
derate each output at 2.5% per degree from 50° to 70°C
Temperature coefficient: ±0.4% per °C
Storage temperature:
-40° to 85 °C
Electromagnetic
susceptibility:
Designed to meet IEC EN61000-4, -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity:
Operating; non-condensing 5% to 95%
Vibration:
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four
major resonances 0.75 G peak 5 Hz to 500 Hz, operational
MTBF demonstrated:
>550,000 hours at full load and 25 °C ambient conditions
Environmental Specifications
Logic Control
Power failure
TTL logic signal goes high 100 - 500 msec after V1 output; It
goes low at least 4 msec before loss of regulation
Remote inhibit
Requires contact closure to inhibit outputs
Remote sense
Compensates for 0.5 V lead drop min. Will operate without
remote sense connected. Reverse connection protected.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com