Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT82 Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPT82
Description  Power Factor Correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT82 Datasheet(HTML) 3 Page - Emerson Network Power

  LPT82 Datasheet HTML 1Page - Emerson Network Power LPT82 Datasheet HTML 2Page - Emerson Network Power LPT82 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Embedded Power for
Business-Critical Continuity
Rev. 05.23.08
LPT80 Series
3 of 3
Mechanical Drawing
(4x) .14 (Ø 3.6)
0.22 (5.6)
3.00
(76.2)
0.23 (5.8)
5.00
(127.0)
1
1
5
6
10
1
8
2.55"
(64.8)
(115.8)
4.56"
0.22 (5.6)
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 (760) 930 4600
Facsimile: +1 (760) 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower. com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power
Notes:
1.Specifications subject to change without notice.
2.All dimensions in inches (mm), tolerance is ±.02”.
3.Mounting holes M1, M2 and M3 should be
grounded for EMI purposes.
4.Mounting hole M1 is safety ground connection.
5.Specifications are for convection rating at
factory settings at 115 VAC input, 25°C unless oth-
erwise stated.
6.Warranty: 2 year
7.Weight: 0.8 lb. / 0.36 kg
Mating Connectors
(SK1)AC Input:
Molex 09-50-8031 (USA)
09-91-0300 (UK)
PINS: 08-58-0111
(SK2)DC Outputs:
Molex 09-50-8081 (USA)
09-91-0800 (UK)
PINS: 08-58-0111
(SK3) Control Signals:
Molex 90142-0010 (USA)
PINS: 90119-2110 or
Amp: 87977-3
PINS: 87309-8
Astec connector kit:
#70-841-018
includes all the above
Pin Assignments
Connector
LPT81
LPT82/83
SK1
Pin1
Neutral
Neutral
Pin3
Line
Line
SK2
Pin1
V1 (3.3V)
V1 (5 V)
Pin2
V1 (3.3V)
V1 (5 V)
Pin3
Common
Common
Pin4
Common
Common
Pin5
Common
Common
Pin6
V2 (5V)
V2 (12/15V)
Pin7
V2 (5V)
V2 (12/15V)
Pin8
V3 (12V)
V3 (-12V/15)
SK3
Pin1
+V1 Remote sense +V1 Remote sense
Pin2
-V1 Remote sense
-V1 Remote sense
Pin3
+Remote inhibit
+Remote inhibit
Pin4
-Remote inhibit
-Remote inhibit
Pin5
+Power fail
+Power fail
Pin6
Common
Common
Pin7
No connection
No connection
Pin8
+V2 sense
No connection
Pin9
-V2 sense
No connection
Pin10
No connection
No connection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com