Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4 Datasheet(PDF) 1 Page - Emerson Network Power

Part # MP4
Description  Current share on all outputs with ratings of 10 A or greater
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MP4 Datasheet(HTML) 1 Page - Emerson Network Power

  MP4 Datasheet HTML 1Page - Emerson Network Power MP4 Datasheet HTML 2Page - Emerson Network Power MP4 Datasheet HTML 3Page - Emerson Network Power MP4 Datasheet HTML 4Page - Emerson Network Power MP4 Datasheet HTML 5Page - Emerson Network Power MP4 Datasheet HTML 6Page - Emerson Network Power MP4 Datasheet HTML 7Page - Emerson Network Power MP4 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Technical Support: (888) 41ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
136
Special Features
• Current share on all outputs with ratings
of 10 A or greater
• Remote sense on all outputs with ratings
greater than 2 A
• Overload protection on all outputs
• Voltage adjustment on all outputs
• Margining on all single output modules
• Input OK signal and status indicator LED
• Global DC OK signal and status indicator LED
• Global and individual module inhibits/enable
• 2 year warranty
• Forced air cooling, field replaceable fan
• Isolated 5 V bias voltage
• Power factor correction
• EN61000-3-2 harmonic distortion compliance
• CISPR 22, EN55022 Curve B conducted / radiated EMI
• European CE Mark requirements
• Optional VME timing and system DC OK module
• Customer-provided air option
• Additional 200 W output @ high line (180-264 VAC)
• Low leakage option for medical applications
• EN61000 immunity standards
• Standard modification flexibility (consult factory)
Low noise fan
Fan fail signal
Module enable
Outputs down to 0.5V
MP Series
Operating temperature: -20°C to 50°C (start @ 0°C)
(derate each output linearly to 50% at 70°C)
(-20°C to 40°C max. with rear air option)
Shock/Vibration: Mil-Hdbk 810E
Humidity: 95% non-condensing
Storage temperature: -40°C to +85°C
Temperature coefficient: 0.02% per °C
Cooling: Internal DC fan or customer provided air (option)
UL
UL1950
CSA
CSA22.2 No. 234 Level 5
IEC
IEC950, Class 1
VDE
EN60950,
BABT
Compliance to EN 60950, BS 7002
CB
Certificate and report
CE
Mark
Environmental
Safety
MP4
MP6
MP8
Rev 2.17.06
MP1
400-1200 Watts


Similar Part No. - MP4

ManufacturerPart #DatasheetDescription
logo
GREATECS
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
Micro Switches 16A 125/250VAC
logo
Mercury United Electron...
MP4 MERCURY-MP4 Datasheet
116Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
12 x 4.5mm Compatible SMD Crystal
logo
List of Unclassifed Man...
MP4-10B ETC2-MP4-10B Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP4-10C ETC2-MP4-10C Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
logo
JMK Inc.
AA-0440-3 JMK-AA-0440-3 Datasheet
237Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-6 JMK-AA-0440-6 Datasheet
200Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-8 JMK-AA-0440-8 Datasheet
198Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-10 JMK-AA-0440-10 Datasheet
203Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-3 JMK-FF-0440-3 Datasheet
270Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-6 JMK-FF-0440-6 Datasheet
230Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-8 JMK-FF-0440-8 Datasheet
267Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-10 JMK-FF-0440-10 Datasheet
228Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
Current ratings of 10, 20 and 30 amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com