Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1 Datasheet(PDF) 5 Page - Emerson Network Power

Part # MP1
Description  Current share on all outputs with ratings of 10 A or greater
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MP1 Datasheet(HTML) 5 Page - Emerson Network Power

  MP1 Datasheet HTML 1Page - Emerson Network Power MP1 Datasheet HTML 2Page - Emerson Network Power MP1 Datasheet HTML 3Page - Emerson Network Power MP1 Datasheet HTML 4Page - Emerson Network Power MP1 Datasheet HTML 5Page - Emerson Network Power MP1 Datasheet HTML 6Page - Emerson Network Power MP1 Datasheet HTML 7Page - Emerson Network Power MP1 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
140
Drawings
DC-DC Converter Output Modules
Control Signal Information, J1 Control Connector
Pin No.
Function
1
+ Remote Sense
single or dual o/p main
2
Remote Margin / V. Program
single o/p
3
Margin High
single o/p
4
- Remote Sense / Margin Low
single or dual o/p main
5
Spare
6
Module, Isolated Inhibit
single or dual o/p
7
Module Inhibit return
single or dual o/p
8
Current Share (SWP)
single or dual o/p main
9
+ Remote Sense V2
dual o/p, single is spare
10
- Remote Sense V2
dual o/p, single is spare
V2 ADJ
V1 ADJ
PIN 1
V3 ADJ
DC OUTPUT CONNECTION
.48
(12.1)
V1
+
V1
-
V2
+
V2
-
V3
+
V3
-
PIN 1
V+
M4X8 SCREWS (4X)
V-
V ADJ
.32 (8.1)
.33 (8.5)
.63 (16.0)
M4X8 SCREWS (4X)
V-
PIN 1
V ADJ
V+
.32
(8.1)
.63
(16.0)
.59
(15.0)
PIN 1
.32
(8.1)
.44 (11.2 )
(2X)
V+
M4X8 SCREWS (2X)
V-
V ADJ
.48 (12.1)
.44 (11.3)
1.38
(35.1)
PIN 1
V2 ADJ
.32
(8.1)
.42 (10.7)
V1 +
V1 -
V2 -
V2 +
M3X8 SCREWS (4X)
.46 (11.7)
(4X)
.30 (7.5)(3X)
V1 ADJ
1.17 (29.7)
Single 210 Watt
Dual 144 Watt
Triple 36 Watt
Single 360 Watt
Single 600 Watt
MP MODULES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com