Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1 Datasheet(PDF) 6 Page - Emerson Network Power

Part # MP1
Description  Current share on all outputs with ratings of 10 A or greater
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MP1 Datasheet(HTML) 6 Page - Emerson Network Power

  MP1 Datasheet HTML 1Page - Emerson Network Power MP1 Datasheet HTML 2Page - Emerson Network Power MP1 Datasheet HTML 3Page - Emerson Network Power MP1 Datasheet HTML 4Page - Emerson Network Power MP1 Datasheet HTML 5Page - Emerson Network Power MP1 Datasheet HTML 6Page - Emerson Network Power MP1 Datasheet HTML 7Page - Emerson Network Power MP1 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
141
www.astecpower.com
19.05
.750
171.45
6.750
29.05
1.144
171.45
6.750
A
A
A
B
B
B
B
M4 MTG HOLES
4 PL
MARKED "B"
#8-32 MTG HOLES
4 PL
MARKED "A"
101.60
4.000
12.70
.500
Standard Airflow
+
-
+
-
+.0
-.5
254.0
+.00
-.02
10.00
3.7
.15
TYP
19.05
.750
+.0
-.5
63.5
+.00
-.02
2.50
3.5
.14 (TYP)
M4 MTG HOLES 4 PL
MOUNTING HOLES DIMENSIONS IDENTICAL ON BOTH SIDES
17.3 1.0
.68
.04
171.45
6.750
38.10
1.500
12.70
.500
MP4
+.0
-.5
279.4
+.00
-.02
11.00
MP6
+.0
-.5
127.0
+.00
-.02
5.00
2
19.0
.75
49.2
1.94
1
-A-
(4 PL)
+
+
-
+
-
+
-
NON-CUMULATIVE
4.3 .8
.17 .03
23.9 .5
.94 .02
S
L
O
T
S
L
O
T
S
L
O
T
S
L
O
T
S
L
O
T
5
4
32
1
Notes
1. Input: Barrier type. Three No. 6-32 B.H. screws (0.375” centers). Max torque: 6 in-lbs. (0.67 N-m).
2. Control connectors: (J1 and J2) 10 position housing, gold plated contacts. Mates with Molex 90142-0010 housing with 90119-2110 crimp contacts
(Molex C - Grid III Series) or AMP Model number 87977-3 with 87309-8 pins. Connector kit includes mating connector and 10 pins,
Astec part #70-841-004.
3. Chassis material: aluminum with chemical film coating (conductive).
4. All dimensions are in millimeters and inches, and are typical.
5. Customer mounting -3 sides M4, bottom also includes 8-32 mounting holes. Max. penetration is 0.150” (3.8mm). Max. torque: 5in-lbs.
6. Output module connections: All single O/P modules are M4 x 8mm screws. Max. torque: 10in-lbs.
Dual O/P module is M3 x 8mm screws. Max. torque: 5 in-lbs.
Triple O/P module is .045” square pins on .156” centers. Mates with Molex 09-50-8063 or equivalent.
MP Series
MP4 (400/600 Watts Max)
MP6 (600/800 Watts Max)
5
5--IIn
ncch
h C
Ca
asse
e S
Siizze
e:: MP4: 2.5” x 5” x 10” (63.5mm x 127mm x 254mm)
5
5--IIn
ncch
h C
Ca
asse
e S
Siizze
e:: MP6: 2.5” x 5” x 11” (63.5mm x 127mm x 279.4mm)
W
We
eiig
gh
htt:: MP4 Case: 2.6 lbs. • MP6 Case: 3.2 lbs. • 36 W Triple: 0.5 lb.
210 W Single: 0.6 lb. • 360 W Single 1.0 lb. • 600 W Single: 2.0 lbs.
144 W Dual: 0.6 lb.
PFC Input Information
J1 Control Connector Standard for all cases
Pin No.
Function
J1-1
Input AC OK - “Emitter”
J1-2
Input AC OK - “Collector”
J1-3
Global DC OK - “Emitter”
J1-4
Global DC OK - “Collector”
J1-5
Spare
J1-6
Global Inhibit/Optional Enable Logic “0”
J1-7
Global Inhibit/Optional Enable Logic “1”
J1-8
Global Inhibit/Optional Enable Return
J1-9
SELV 5V Housekeeping
J1-10
SELV 5V Housekeeping Return



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com