Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS40SERIES Datasheet(PDF) 1 Page - Emerson Network Power

Part # NFS40SERIES
Description  5.0 x 3.0 x 1.2 inch package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS40SERIES Datasheet(HTML) 1 Page - Emerson Network Power

  NFS40SERIES Datasheet HTML 1Page - Emerson Network Power NFS40SERIES Datasheet HTML 2Page - Emerson Network Power NFS40SERIES Datasheet HTML 3Page - Emerson Network Power NFS40SERIES Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NFS40 Series
SIngle and
triple output
Special Features
• 5.0 x 3.0 x 1.2 inch package
(1U applications)
• Industry standard package
• Overvoltage and
short circuit protection
• 40 W with free air convection
• 50 W with 20 CFM forced air
• EN55022, EN55011
conducted noise level A
• UL, VDE and CSA
safety approvals
• Available RoHS compliant
• 2 year warranty
Total Power:
40 - 50W
Input Voltage: 85 - 264VAC
120 - 370VDC
# of Outputs:
Single, triple
Safety
VDE0805/EN60950/
IEC950/IEC1010
File No. 10401-3336-0044
License No. 2559
UL1950 File No. E136005
CSA C22.2 No. 950
File No. LR41062C
•
•
•
•
•
•
•
Rev.12.12.08_118
NFS40 Series
1 of 4
Electrical Specifications
Input
Voltage adjustability:
+5 V output on triples
Vout on singles
±5.0%
±5.0%
Line regulation:
LL to HL, FL
Main output
Auxiliary outputs
±0.2%
±1.0%
Load regulation:
FL to NL
Main output
Auxiliary outputs
±2.0%
±5.0%
Transient response:
+5 V (1.5 - 3 A)
± 120 mV max. dev.
500 µs recovery
Temperature coefficient:
All outputs
±0.02%/°C
Overvoltage protection:
+5 V output
S3.15 A, 250 Vac In live and neutral
Output power limit:
Primary power limited
90 W input power limit
Short circuit protection:
Single outputs
Multiple outputs
Continuous
Short term
Output
Input voltage range:
Universal input
85-264 Vac
120-370 Vdc
Input frequency range:
47-440 Hz
Max. input surge current:
132 Vac, cold start
264 Vac, cold star
12 A max.
24 A max.
Safety ground leakage current:
110 Vac, 60 Hz
230 Vac, 50 Hz
0.13 mA, max.
0.32 mA, max.


Similar Part No. - NFS40SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFS40 ETC-NFS40 Datasheet
49Kb / 3P
Single and triple output
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
465Kb / 4P
40 W universal input ac-dc power supply
logo
List of Unclassifed Man...
NFS40-7605 ETC-NFS40-7605 Datasheet
49Kb / 3P
Single and triple output
logo
Artesyn Technologies
NFS40-7605J ARTESYN-NFS40-7605J Datasheet
461Kb / 4P
SIngle and triple output 40 - 50W
More results

Similar Description - NFS40SERIES

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
logo
QUARTZCOM the communica...
MCO-3S-HP QUARTZCOM-MCO-3S-HP Datasheet
118Kb / 1P
High precision SMD Clock Oscillator Miniature package: 5.0 x 3.2 x 1.2 mm
MCO-3S-L QUARTZCOM-MCO-3S-L Datasheet
124Kb / 1P
Low power SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.2 mm
logo
Unictron Technologies C...
H2P14UGTRW0100 UNICTRON-H2P14UGTRW0100 Datasheet
619Kb / 11P
5.0 x 3.0 x 0.5 GPS Ceramic Chip Antenna (AA095)
logo
Murata Manufacturing Co...
SF2412E MURATA-SF2412E Datasheet
490Kb / 4P
Surface Mount 3.0 x 3.0 mm Package
logo
Bel Fuse Inc.
ABC40 BEL-ABC40_V01 Datasheet
547Kb / 6P
4 x 2 x 1.2 Inch Form Factor
ABC60 BEL-ABC60_V01 Datasheet
681Kb / 7P
4 x 2 x 1.2 Inch Form Factor (101.6 x 50.8 x 30.48 mm)
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
logo
Xtaltq Technologies Co....
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
BS5032A XTALTQ-BS5032A Datasheet
234Kb / 2P
Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com