Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS40SERIES Datasheet(PDF) 2 Page - Emerson Network Power

Part # NFS40SERIES
Description  5.0 x 3.0 x 1.2 inch package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS40SERIES Datasheet(HTML) 2 Page - Emerson Network Power

  NFS40SERIES Datasheet HTML 1Page - Emerson Network Power NFS40SERIES Datasheet HTML 2Page - Emerson Network Power NFS40SERIES Datasheet HTML 3Page - Emerson Network Power NFS40SERIES Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.12.12.08_118
NFS40 Series
2 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated
Specifications
Environmental Specifications
Thermal performance:
Operating
0° C to +70 °C
(See notes 8, 10)
Non-operating
-40 °C to +85 °C
50 °C ambient temp.,
convection cooled
40 W
Forced air cooling
50 W @ 20 CFM
+50 °C to +70 °C ambient
Derate linearly to 50% load
Peak (60 seconds)
60W
Relative humidity:
Non-condensing
5 to 80% RH
Altitude:
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration (See Note 11):
5-500 Hz
2.4 G rms peak
EMC Charateristics (11, 12)
Conducted emissions:
EN55022, FCC part 15
Level B
Radiated emissions:
EN55022
Level A
ESD air:
EN61000-4-2, level 3
Perf. criteria 1
ESD contact:
EN61000-4-2, level 4
Perf. criteria 1
Surge:
EN61000-4-2, level 3
Perf. criteria 1
Fast transients:
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity:
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity:
EN61000-4-6, level 3
Perf. criteria 2
General Specifications
Hold-up time:
110 Vac, 40 W
230 Vac, 40 W
14 ms
110 ms
Efficiency:
70% typical
Isolation voltage:
Input/output
Input/chassis
3000 Vac
1500 Vac
Switching frequency:
Variable
Approvals and standards: (see
Notes 9, 13)
VDE0805, EN60950, IEC950, IEC1010,
UL1950, CSA C22.2 No. 950
Weight:
280 g (9.88 oz)
MTBF demonstrated:
MIL-HDBK-217E
170,000 hours



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com