Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP40 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP40
Description  40-50 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP40 Datasheet(HTML) 1 Page - Emerson Network Power

  NLP40 Datasheet HTML 1Page - Emerson Network Power NLP40 Datasheet HTML 2Page - Emerson Network Power NLP40 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
40-50 W AC/DC Universal Input Switch Mode Power Supplies
1
2 YEAR WARRANTY
NLP40 Series
Single, dual and triple output
• 4.25 x 2.5 x 1.15 inch package (1U applications)
• Smallest industry package
• Overvoltage and short circuit protection
• 40 W with free air convection
• EN55022, EN55011 conducted emission level B
• EN61000-4-2, -3, -4, -5, -6 immunity compliant
• UL, VDE and CSA safety approvals
• Available RoHS compliant
The NLP40 series is a 40 W universal input ac-dc power supply on a 4.25 x 2.5 inch card
with a maximum component height of 1.15 inches for use in 1U applications. This product is
the smallest standard 40 W package in the industry making the series ideal for
communication applications with space constraints where a standard 5 x 3 inch card
solution is not suitable. The NLP40 provides 40 W of output power with free air convection
cooling which can be boosted to 50 W with 20 CFM of air. Standard features include
overvoltage and short circuit protection. The series, with full international safety approval and
the CE mark, meets conducted noise EN55022 level B and has immunity compliance to
EN61000-4-2,-3,-4, -5, -6. The NLP40 series is designed for use in low power data
networking, computer and telecom applications such as hubs, routers, POS terminals, LCD
projectors, cable modems and PABX’s. This list is not exclusive as the generic feature set of
the NLP40 series with industry standard output configurations provides a solution for most
low power applications including many industrial applications.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
GENERAL SPECIFICATIONS
Hold-up time
120 Vac
12 ms @ 40 W
230 Vac
20 ms @ 40 W
Efficiency
75% typical
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Switching frequency
Fixed
65 kHz, ±5 kHz
Approvals and
EN60950, IEC950, UL1950
standards (See Note 8)
VDE0805, CSA C22.2 No. 950
Weight
200 g (7.06 oz)
MTBF
MIL-HDBK-217F
150,000 hours min.
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 °C to +70 °C
(See Notes 6, 7, 9)
(see derating curve)
Non-operating
-40 °C to +70 °C
50 °C to 70 °C ambient,
Derate to
convection cooled
50% load
0 °C to 50 °C, ambient,
40 W
convection cooled
0 °C to 50 °C ambient,
50 W
20 CFM forced air
Peak (0 °C to +50 °C, 60 s) (See Note 2)
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 4)
5-500 Hz
2.4 G rms peak
Shock
per MIL-STD-810E
516.4 Part IV
OUTPUT SPECIFICATIONS
Total regulation
Main output
±2.0%
(Line and load)
Auxiliary outputs
±5.0%
Rise time
At turn-on
1.0 s, max.
Transient response
Main output
5.0% max. dev.,
25% step at 0.1 A/µs 1 ms rec. to 1.0%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
135%, ±15%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Single
0 A
Multiple
(See Note 5)
INPUT SPECIFICATIONS
Input voltage range
Universal input
90-264 Vac
(See Note 9)
120-370 Vdc
Input frequency range
47-440 Hz
Input surge current
120 Vac, cold start
15 A max.
230 Vac, cold start
30 A max.
Safety ground
120 Vac, 60 Hz
0.2 mA
leakage current
230 Vac, 50 Hz
0.4 mA
Input current
120 Vac
1.4 A rms
230 Vac
0.7 A rms
Input fuse
UL/IEC127
250 Vac H 3.15 A
EMC CHARACTERISTICS (10)
Conducted emissions
EN55022, FCC part 15
level B
Radiated emissions
EN55022, FCC part 15
level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 3
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 1
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
SPECIFICATIONS
File Name: nlp40.pdf Rev (03): 08 Nov 2005


Similar Part No. - NLP40

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP40 ARTESYN-NLP40 Datasheet
57Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP40-7605 ARTESYN-NLP40-7605 Datasheet
57Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP40-7605J ARTESYN-NLP40-7605J Datasheet
607Kb / 5P
Single, Dual and Triple Output
NLP40-7608 ARTESYN-NLP40-7608 Datasheet
57Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP40-7608J ARTESYN-NLP40-7608J Datasheet
607Kb / 5P
Single, Dual and Triple Output
More results

Similar Description - NLP40

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS42 ARTESYN-NFS42 Datasheet
54Kb / 2P
Triple output 40 to 50 Watt AC/DC universal input switch mode power supplies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
50 W AC/DC Universal Input Switch Mode Power Supplies
NLP250 ARTESYN-NLP250 Datasheet
424Kb / 3P
250 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP25 EMERSON-NETWORKPOWER-NLP25 Datasheet
88Kb / 3P
20-25 W AC/DC Universal Input Switch Mode Power Supplies
NLP70 EMERSON-NETWORKPOWER-NLP70 Datasheet
89Kb / 3P
70 W AC/DC Universal Input Switch Mode Power Supplies
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com