Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP40 Datasheet(PDF) 3 Page - Emerson Network Power

Part # NLP40
Description  40-50 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP40 Datasheet(HTML) 3 Page - Emerson Network Power

  NLP40 Datasheet HTML 1Page - Emerson Network Power NLP40 Datasheet HTML 2Page - Emerson Network Power NLP40 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NLP40 Series
Single, dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
40-50 W AC/DC Universal Input Switch Mode Power Supplies
3
www.artesyn.com
File Name: nlp40.pdf Rev (03): 08 Nov 2005
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File 10401-3336-0093
Licence No. 93662
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
C5
MAXIMUM COMPONENT
HEIGHT 1.15 (29.21)
TOLERANCE:
.xxx
± 0.005"
.xx
± 0.02"
ALL DIMENSIONS IN INCHES (mm)
4.25
(107.95)
1
N
J2
4.00
(101.60)
2.25
(57.15)
2.50
(63.50)
F1
L
J1
P1
Mounting
Hole Diameter
0.138 (3.50) Typical
0.125
(3.175)
T1
Input and output connectors
AC (J1) connector type
Molex 26-60-4030 type.
DC (J2) connector type
Molex 26-60-4060 type.
Mating connectors
AC (J1) mating connector type
Molex 09-50-3031 or equivalent with Molex 08-50-0105 or equivalent crimp
terminals.
DC (J2) mating connector type
Molex 09-50-3061 with Triurcon 6838 or equivalent crimp terminals.
Note: The input and output connectors are the same as
those used on NFS40, NFN40, NAL40 and NAN40.
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Line
Pin 2
No Pin
Pin 3
AC Neutral
P1
Pin 1
Safety Ground
OUTPUT PIN CONNECTIONS
J2
SINGLE
DUAL
TRIPLE
Pin 1
+Vout
V (B)
V (B)
Pin 2
+Vout
V (A)
V (A)
Pin 3
+Vout
V (A)
V (A)
Pin 4
Return
Return
Return
Pin 5
Return
Return
Return
Pin 6
Return
Return
V (C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com