Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS110-7612J Datasheet(PDF) 2 Page - Emerson Network Power

Part # NFS110-7612J
Description  110 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7612J Datasheet(HTML) 2 Page - Emerson Network Power

  NFS110-7612J Datasheet HTML 1Page - Emerson Network Power NFS110-7612J Datasheet HTML 2Page - Emerson Network Power NFS110-7612J Datasheet HTML 3Page - Emerson Network Power NFS110-7612J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.02.16.07
NFS110 Series
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated
Specifications
GENERAL SPECIFICATIONS
Hold-up time
110 Vac @ 80 W
35 ms
110 Vac @ 110 W
17 ms
230 Vac @ 80 W
140 ms
230 Vac @ 110 W
100 ms
Efficiency
Multiple outputs
70% typical
+5.1 V single
70% typical
12 V and 15 V singles
72% typical
24 V single
75% typical
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Switching frequency
At 100 Watts output
20-70 kHz
At zero load
100-250 kHz
Approvals and
VDE0805, EN60950, IEC950
standards
IEC1010, UL1950
(See Note 12)
CSA C22.2 No. 950
Weight
Singles
550 g (19.4 oz)
Multiple outputs
600 g (21.2 oz)
MTBF (See Note 9)
MIL-HDBK-217E
125,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, see curve
0 °C to +70 °C
(See Notes 9, 10)
Non-operating
–40 °C to +85 °C
0 °C to +50 °C,
80 W
amb. convection cooled
+50 °C to +70 °C,
Derate 2 W/°C
amb. convection cooled
0 °C to +50 °C,
110 W
20 CFM forced air
+50 °C to +70 °C,
Derate
20 CFM forced air
2.75 W/°C
Peak, 0 °C to +50 °C,
110 W
max. 60 seconds
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration (See Note 11)
5-500 Hz
2.4 G approx.
OUTPUT SPECIFICATIONS
Voltage adjustability
+5.1 V o/p on multi’s
±3.0%
5.1 V single output
±3.0%
12 V single output
12-14 V
15 V single output
15-18 V
24 V single output
24-30 V
Line regulation
LL to HL, FL
±0.1% max.
All outputs on all units
Overshoot/undershoot
At turn-on
0%
Temperature coefficient
All outputs
±0.02%/°C
Overvoltage protection
Multi o/p 5.1 V only
6.25 V ±0.75 V
5.1 V single
6.25 V ±0.75 V
12 V single
15.75 V ±1.0 V
15 V single
22 V ±1.5 V
24 V single
33 V ±2.5 V
Output power limit
Primary power
Pin max. 160 W
limited
Pout min. 110 W
Minimum output current
(See Note 13)
0 A
Short circuit protection
Burst mode operation
INPUT SPECIFICATIONS
Input voltage range
85-264 Vac
120-370 Vdc
Input frequency range
47-440 Hz
Input surge current
230 Vac
35 A
Safety ground
110 Vac, 50 Hz
0.2 mA, max.
leakage current
230 Vac, 50 Hz
0.4 mA, max.
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
Level B
Radiated emissions
EN55022, FCC part 15
Level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com