Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS110-7612J Datasheet(PDF) 3 Page - Emerson Network Power

Part # NFS110-7612J
Description  110 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7612J Datasheet(HTML) 3 Page - Emerson Network Power

  NFS110-7612J Datasheet HTML 1Page - Emerson Network Power NFS110-7612J Datasheet HTML 2Page - Emerson Network Power NFS110-7612J Datasheet HTML 3Page - Emerson Network Power NFS110-7612J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.02.16.07
NFS110 Series
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
Notes
1
Convection cooled, 80 W maximum.
2
Peak outputs lasting less than 60 seconds with duty cycle less than 10%. Total
peak power must not exceed 110 W.
3
Forced air, 20 CFM at 1 atmosphere, 110 W maximum.
4
Figure is peak-to-peak. Output ripple is measured across a 50 MHz bandwidth
using a 12 inch twisted pair terminated with a 47 μF capacitor.
5
Total regulation is defined as the static output regulation at 25 °C, including
initial tolerance, line voltage within stated limits and output voltages adjusted
to their factory settings.
6
To achieve stated regulation on the 24 V output on the NFS110-7602PJ, the
following load condition must be true: IA / IB ≤ 5, where:
IA = +5.1 V output current, and
IB = +24 V output current
The +24 V output will maintain ±5.0% regulation under the following additional
condition: IA ≤ 5 A.
7
Single output models have floating outputs which may be referenced as either
positive or negative. Higher voltage supplies may be adjusted over a wide
output voltage range, as long as the total output power does not exceed 80
Watts (natural convection) or 110 Watts (forced air).
8
Power fail detect not available on single output models.
9
Derating curve is application specific for ambient temperatures >50 °C, for
optimum reliability no part of the heatsink should exceed 90 ºC and no
semiconductor case temperature should exceed 100 ºC.
10 Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
11 Three orthogonal axes, random vibration, 10 minute test for each axis.
12 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
13 Artesyn Technologies recommends a minimum load of 11 W to achieve the
design MTBF. See the derating curve on page 3.
14 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE
RoHS 5/6 (non Pb-free) compliant versions may be available on special request,
please contact your local sales representative for details.
15 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
OUTPUT CURRENTS
RIPPLE (4)
TOTAL
MODEL NUMBERS (13,14,F)
VOLTAGE
MAX (1)
PEAK (2)
FAN (3)
REGULATION (5)
+5.1 V
8 A
20 A
10 A
50 mV
±2.0%
NFS110-7601PJ
+12 V
4.5 A
9 A
5 A
120 mV
±3.0%
–12 V
0.5 A
1.5 A
1 A
120 mV
±3.0%
–5 V
0.5 A
1.5 A
1 A
50 mV
±3.0%
+5.1 V (IA)
8 A
20 A
10 A
50 mV
±2.0%
NFS110-7602PJ (6)
+24 V (IB) (6)
3.5 A
4.5 A
4.5 A
240 mV
+10/–5.0%
+12 V
4.5 A
9 A
5 A
120 mV
±3.0%
–12 V
0.5 A
1.5 A
1 A
120 mV
±3.0%
+5.1 V
8 A
20 A
10 A
50 mV
±2.0%
NFS110-7604PJ
+15 V
4 A
7.5 A
5 A
150 mV
±3.0%
–15 V
0.5 A
1.5 A
1 A
150 mV
±3.0%
–5 V
0.5 A
1.5 A
1 A
50 mV
±3.0%
5.1 V
16 A
22 A
20 A
50 mV
±2.0%
NFS110-7605J (7,8)
12 V
7 A
9 A
9 A
120 mV
±2.0%
NFS110-7612J (7,8)
15 V
5 A
7.3 A
7.3 A
150 mV
±2.0%
NFS110-7615J (7,8)
24 V
3.5 A
4.5 A
4.5 A
240 mV
±2.0%
NFS110-7624J (7,8)
TRANSIENT RESPONSE
NFS110-7601PJ
+5.1 V (7.5 A to 10 A)
150 mV peak,
1 ms recovery
+12 V (2.5 A to 5 A)
100 mV peak,
0.5 ms recovery
-12 V (0.5 A to 1 A)
100 mV peak,
0.5 ms recovery
-5 V (0.5 A to 1 A)
100 mV peak,
0.5 ms recovery
NFS110-7602PJ
+5.1V (7.5 A to 10 A)
150 mV peak,
1 ms recovery
+24 V (1.5 A to 3 A)
300 mV peak,
1 ms recovery
+12 V (2.5 A to 5 A)
100 mV peak,
0.5 ms recovery
-12 V (0.5 A to 1 A)
100 mV peak,
0.5 ms recovery
NFS110-7604PJ
+5.1 V (7.5 A to 10 A)
150 mV peak,
1 ms recovery
+15 V (2.5 A to 5 A)
100 mV peak,
0.5 ms recovery
-15 V (0.5 A to 1 A)
100 mV peak,
0.5 ms recovery
-5 V (0.5 A to 1 A)
100 mV peak,
0.5 ms recovery
NFS110-7605J
+5.1 V (10 A to 20 A)
250 mV peak,
1 ms recovery
NFS110-7612J
+12 V (4.5 A to 9 A)
360 mV peak,
1 ms recovery
NFS110-7615J
+15 V (3.65 A to 7.3 A)
450 mV peak,
1 ms recovery
NFS110-7624J
+24V (2.25 A to 4.5 A)
720 mV peak,
1 ms recovery



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com