Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP70 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP70
Description  70 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP70 Datasheet(HTML) 1 Page - Emerson Network Power

  NLP70 Datasheet HTML 1Page - Emerson Network Power NLP70 Datasheet HTML 2Page - Emerson Network Power NLP70 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
70 W AC/DC Universal Input Switch Mode Power Supplies
1
2 YEAR WARRANTY
NLP70 Series
T riple output
• Provides up to 10.5 A on either 3.3 V or 5 V
• 5.5 x 3.0 inch card and 1.26 inch package (1U applications)
• 3.3 V, 5 V and 12 V triple
• EN61000-3-2 compliant
• Overvoltage and short circuit protection
• EN55022, EN55011 conducted emissions level B
• EN61000-4-2, -3, -4, -5, -6 immunity compliant
• Mounting holes as per NLP65 series, easy upgrade
• Available RoHS compliant
The NLP70-9693J is a 70 W (with forced air) universal input ac-dc power supply on a 5.5
x 3 inch card with a maximum component height of 1.26 inches for use in 1U
applications. The model has input harmonic current correction making the series ideal for
product designs that need to comply with EN61000-3-2 legislation. The NLP70 provides
52.5 W of output power with free air convection cooling which can be boosted to 70 W
with 20 CFM of air. The NLP70, with full international safety approval and the CE mark,
meets conducted emissions EN55022 level B and has immunity compliance to EN61000-
4-2, -3, -4, -5, -6. The NLP70 series is designed for use in low power data networking,
computer and telecom applications using 3.3 V or 5 V logic. The NLP70 can provide the
same current on either the 3.3 V or 5 V channel making it ideal for applications using a
mixture of 3.3V and 5V logic or for applications in transition from 5 V to 3.3 V logic.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
GENERAL SPECIFICATIONS
Hold-up time
120 Vac @ 60 Hz
16 ms @ 55 W
230 Vac @ 50 Hz
78 ms @ 55 W
Efficiency
120 Vac, 65 W
70% typical
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Switching frequency
Fixed
100 kHz, ±5 kHz
Approvals and
EN60950, VDE0805
standards
IEC950, UL1950
(See Notes 8, 9)
CSA C22.2 No. 950
Weight
300 g (10.7 oz)
MTBF
MIL-HDBK-217F
150,000 hours min.
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 °C to +70 °C
(See Notes 1, 2, 3, 11)
(See derating curve)
Non-operating
-40 °C to +85 °C
50 °C to 70 °C ambient,
Derate to
convection cooled
50% load
0 °C to 50 °C ambient,
52.5 W
convection cooled
0 °C to 50 °C ambient,
70 W
20 CFM forced air (See Note 10)
Peak (0 °C to +50 °C, 60 s)
See table
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 5)
5-500 Hz
2.4 G rms peak
Shock
per MIL-STD-810E
516.4 Part IV
OUTPUT SPECIFICATIONS
Total regulation
3.3 V and 5 V
±2.0%
(line and load)
12 V
±5.0%
Rise time
At turn-on
1.0 s, max.
Transient response
Main output
5.0% or 250 mV
25% step
max. dev., 1 ms max.
at 0.1 A/µs
recovery to 1.0%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
125%, ±10%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
(See Note 6)
INPUT SPECIFICATIONS
Input voltage range
Universal input
90-264 Vac
Input frequency range
47-63 Hz
Input surge current
120 Vac
17 A max.
(cold start)
230 Vac
32 A max.
Safety ground
120 Vac, 60 Hz
0.7 mA
leakage current
230 Vac, 50 Hz
1.4 mA
Input current
120 Vac, with PFC
1.05 A rms
230 Vac, with PFC
0.55 A rms
Input fuse
UL/IEC127
250 Vac S 3.15 A
EMC CHARACTERISTICS (10)
Conducted emissions
EN55022, FCC part 15
Level B
Radiated emissions
EN55022, FCC part 15
Level A
ESD air
EN61000-4-2, level 3
ESD contact
EN61000-4-2, level 4
Surge
EN61000-4-5, level 3
Fast transients
EN61000-4-4, level 3
Radiated immunity
EN61000-4-3, level 3
Conducted immunity
EN61000-4-6, level 3
SPECIFICATIONS
File Name: nlp70.pdf Rev (02): 08 Nov 2005


Similar Part No. - NLP70

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP70 ARTESYN-NLP70 Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP70-9693 ARTESYN-NLP70-9693 Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
More results

Similar Description - NLP70

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
50 W AC/DC Universal Input Switch Mode Power Supplies
NLP250 ARTESYN-NLP250 Datasheet
424Kb / 3P
250 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP25 EMERSON-NETWORKPOWER-NLP25 Datasheet
88Kb / 3P
20-25 W AC/DC Universal Input Switch Mode Power Supplies
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
40-50 W AC/DC Universal Input Switch Mode Power Supplies
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com