Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP70 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NLP70
Description  70 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP70 Datasheet(HTML) 2 Page - Emerson Network Power

  NLP70 Datasheet HTML 1Page - Emerson Network Power NLP70 Datasheet HTML 2Page - Emerson Network Power NLP70 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Free air convection cooling.
I5 = 10.5 A max.; I3.3 = 10.5 A max.; I3.3 + I5 < 10.6 A; Po = 52.5 W max.
2
20 CFM forced air.
I3.3 = 13 A max.; I5.5 = 13 A max.; I3.3 + I5 < 15 A; Po = 70 W max.
3
Peak output current lasting less than 60 seconds with duty cycle less
than 5%. During peak loading, output voltage may exceed total
regulation limits.
4
Figure is peak-to-peak for convection power rating. Output noise
measurements are made across a 20 MHz bandwidth using a 6 inch
twisted pair, terminated with a 10 µF electrolytic capacitor and a 0.1 µF
ceramic capacitor.
5
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G
rms 5 Hz to 500 Hz.
6
To maintain stated regulation then:
I12 / I(A) ≤2 and I(A) ≥0.1 A.
7
For optimum reliability, no part of the heatsink should exceed 120 ºC,
and no semiconductor case temperature should exceed 130 ºC.
8
CAUTION: Allow a minimum of 1 second after disconnecting line power
when making thermal measurements.
9
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
N
10 Conducted and radiated emissions testing were performed using the
standard EN55022 set-up with a stand alone NLP70-9693J unit placed
on a grounded metal plate with a line choke on the AC input and ground
wires (i.e. the wires are looped through an EMI suppression toroid).
For system compliance it is usually necessary to install an ‘off-the-shelf’ ac
inlet with an integral line filter in the system chassis or to install a line
choke on the input wires as close as possible to ac entry point of the
system chassis. Please contact the applications group at Artesyn for
assistance with EMI compliance.
11 All models require a minimum mounting stand-off of 0.25 inches
(6.35 mm) in the end use product.
12 12 V is a floating output and can be referenced negative or positive.
13 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
14 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
NLP70 Series
T riple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
70 W AC/DC Universal Input Switch Mode Power Supplies
2
File Name: nlp70.pdf Rev (02): 08 Nov 2005
OUTPUT
OUTPUT CURRENT
RIPPLE (4)
TOTAL
MODEL
VOLTAGE
TYP. (1)
AIR (2)
PEAK (3)
REGULATION (6)
NUMBER (13,14)
+5 V (I
A)
10.5 A
13 A
14 A
50 mV
±2.0%
NLP70-9693J
+3.3 V (I
B)
10.5 A
13 A
14 A
50 mV
±2.0%
+12 V (12)
0.65 A
0.8 A
0.8 A
120 mV
±5.0%
Output Power (Watts)
26W
52.5W
70W
20CFM FORCED AIR COOLING
35W
NATURAL
CONVECTION
COOLING
DERATING CURVE
0˚C
10˚C 20˚C 30˚C 40˚C 50˚C 60˚C
70˚C
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Line
Pin 2
No Pin
Pin 3
AC Neutral
J2
Pin 1
Safety Ground
OUTPUT PIN CONNECTIONS
J5
FUNCTION
Pin 1
3.3V
Pin 2
3.3V
Pin 3
Return
Pin 4
Return
Pin 5
Return
Pin 6
5V
Pin 7
5V
J3
FUNCTION
Pin 1
12V Return
Pin 2
12V (12)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com