Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP65-9905J Datasheet(PDF) 2 Page - Emerson Network Power

Part # NLP65-9905J
Description  65 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65-9905J Datasheet(HTML) 2 Page - Emerson Network Power

  NLP65-9905J Datasheet HTML 1Page - Emerson Network Power NLP65-9905J Datasheet HTML 2Page - Emerson Network Power NLP65-9905J Datasheet HTML 3Page - Emerson Network Power NLP65-9905J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.02.28.07
NLP65_3300
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated
Specifications
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
Level A
Radiated emissions
EN55022, FCC part 15
Level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 2
GENERAL SPECIFICATIONS
Hold-up time
120 Vac, 60 Hz
16 ms @ 65 W
Efficiency
120 Vac, 65 W
72% typ.
Isolation voltage
Input/output
4000 Vac
Input/chassis
1500 Vac
Switching frequency
Fixed
100 kHz, ±5 kHz
Approvals and
EN60601, UL2601
standards
CSA 22.2 No. 125
Weight
283 g (10 oz)
MTBF
MIL-HDBK-217F
150,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 °C to +70 °C
(See derating curve)
Non-operating
-40 °C to +85 °C
0 ¡C to 50 ¡C ambient,
65 W
convection cooled
50 ¡C to 70 ¡C ambient,
Derate to
convection cooled
50% load
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 5)
5-500 Hz
2.43 G rms approx.
Shock
per MIL-STD-810E
516.4 Part IV
OUTPUT SPECIFICATIONS
Output power
Natural convection
65 W max.
Total regulation
See table
Rise time
At turn-on
1.0 s, max.
Transient response
Main output
5.0% max. dev.,
25% step
1ms recovery
at 0.1 A/μs
to 1.0%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
125%, ±10%
Short circuit protection
Cyclic operation
Yes
INPUT SPECIFICATIONS
Input voltage range
Universal input
85-264 Vac
(See Note 2)
Input frequency range
47-63 Hz
Input surge current
120 Vac
17 A max.
(cold start)
230 Vac
32 A max.
Safety ground
264 Vac, 60 Hz
95 μA
leakage current
Input current
120 Vac
1.05 A rms
230 Vac
0.51 A rms
Input fuse
250 Vac F 3.15 A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com