Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP65-9905J Datasheet(PDF) 3 Page - Emerson Network Power

Part # NLP65-9905J
Description  65 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65-9905J Datasheet(HTML) 3 Page - Emerson Network Power

  NLP65-9905J Datasheet HTML 1Page - Emerson Network Power NLP65-9905J Datasheet HTML 2Page - Emerson Network Power NLP65-9905J Datasheet HTML 3Page - Emerson Network Power NLP65-9905J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.02.28.07
NLP65_3300
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
Notes
1
Natural convection cooling. Models NLP65-9929J, NLP65-9908J,
NLP65-9910J must not exceed 62.5 Watts continuous output power with
natural convection. Model NLP65-9920J not to exceed 65 Watts continuous
output power with natural convection.
2
When the input voltage is less than 90 Vac the operating temperature range is
0
° C to +40 °C. The ripple and regulation specifications may not be met.
3
Peak output current lasting less than 60 seconds with duty cycle less than 5%.
During peak loading, output voltage may exceed total regulation limits.
4
Figure is peak-to-peak for convection power rating. Output noise
measurements are made across a 20MHz bandwidth using a 6 inch twisted
pair, terminated with a 10 μF electrolytic capacitor and a 0.1 μF ceramic
capacitor.
5
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G rms 5
Hz to 500 Hz.
6
To maintain stated regulation then:
for single output units
I ³ 0.2 A I max.
for multiple output units
0.25 ² I(A)/I(B) ² 5, for I(A) ³ 0.2 A I(A) max.
7
For optimum reliability, no part of the heatsink should exceed 120
°C, and
no semiconductor case temperature should exceed 130
°C.
8
CAUTION: Allow a minimum of 1 second after disconnecting line power when
making thermal measurements.
9
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
10 Maximum continuous output power for all multiple output models must not
exceed 75 Watts with 20 CFM forced air cooling at 50
°C.
11 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
12 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
OUTPUT CURRENT
RIPPLE (4)
TOTAL
MODEL
VOLTAGE
MAX (1)
PEAK
FAN (10)
REGULATION (6)
NUMBER (11,12)
+5 V
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-9908J
+12 V
2.5 A
3.3 A
3 A
150 mV
±5.0%
-12 V
0.5 A
0.81 A
1 A
120 mV
±5.0%
+5 V
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-9910J
+15 V
2.2 A
2.9 A
2.5 A
150 mV
±5.0%
-15 V
0.65 A
0.85 A
0.8 A
150 mV
±5.0%
+5 V
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-9920J
+24 V
2 A
2.6 A
2 A
240 mV
±5.0%
+5 V
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-9929J
+12 V
2.5 A
3.3 A
3 A
150 mV
±5.0%
+5 V
10 A
13 A
12 A
50 mV
±2.0%
NLP65-9905J
+12 V
5.4 A
7 A
6.5 A
120 mV
±2.0%
NLP65-9912J
+15 V
4.4 A
5.7 A
5.3 A
150 mV
±2.0%
NLP65-9915J
+24 V
2.7 A
3.5 A
3.5 A
240 mV
±2.0%
NLP65-9924J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com