Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP110 Datasheet(PDF) 3 Page - Emerson Network Power

Part # NLP110
Description  Provides low voltage outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP110 Datasheet(HTML) 3 Page - Emerson Network Power

  NLP110 Datasheet HTML 1Page - Emerson Network Power NLP110 Datasheet HTML 2Page - Emerson Network Power NLP110 Datasheet HTML 3Page - Emerson Network Power NLP110 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 02.10.09_152
NLP110 Series
 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Notes
1 Freeairconvection.
Multipleoutputunits:maximumcontinuousoutputpowernottoexceed
80 W.
For-9693J;I3.3V=13Amax.;I5.0V=13Amax.;I3.3V+ I5.0V²16A.
For-9694J;I3.3V=13Amax.;I2.5V=13Amax.;I3.3V+ I2.5V²16A
For-9695J;I3.3V=13Amax.;I12V=6.5Amax.;I3.3V+ I12V²16A.
For-9608J;I5.0V=13Amax.;I12V=6.5Amax.;I5.0V+ I12V²16A.
Singleoutputunits:maximumcontinuousoutputpowernottoexceed;75W
on-9905J;76.8Won-9912J,-9924J,and-9917J.
2 150LFMforcedaircoolingfromL4side.
Multipleoutputunits:maximumcontinuousoutputpowernottoexceed105
W.
For-9693J;I3.3V=16Amax.;I5.0V=16Amax.;I3.3V+ I5.0V²20A.
For-9694J;I3.3V=16Amax.;I2.5V=16Amax.;I3.3V+ I2.5V²20A
For-9695J;I3.3V=16Amax.;I12V=8.5Amax.;I3.3V+ I12V²20A.
For-9608J;I5.0V=16Amax.;I12V=8.5Amax.;I5.0V+ I12V²20A.
Singleoutputunits:maximumcontinuousoutputpowernottoexceed110 W
forallmodels.
3 300LFMforcedaircoolingfromL4side.
Multipleoutputunits:maximumcontinuousoutputpowernottoexceed110
W.
For-9693J;I3.3V=20Amax.;I5.0V=18Amax.;I3.3V+ I5.0V²22A.
For-9694J;I3.3V=20Amax.;I2.5V=20Amax.;I3.3V+ I2.5V²22A
For-9695J;I3.3V=20Amax.;I12V=8.5Amax.;I3.3V+ I12V²22A.
For-9608J;I5.0V=20Amax.;I12V=8.5Amax.;I5.0V+ I12V²22A.
Singleoutputunits:maximumcontinuousoutputpowernottoexceed110 W
forallmodels.
4 Peakoutputcurrentlastinglessthan30secondswithdutycyclelessthan
5%.Duringpeakloading,outputvoltagemayexceedtotalregulationlimits.
5 Figureispeak-to-peakforconvectionpowerrating.Outputnoise
measurementsaremadeacrossa20MHzbandwidthusinga6’twistedpair,
terminatedwitha10µFelectrolyticcapacitoranda0.1µFceramiccapacitor.
6 Minimumloadrequiredforcorrectstart-upandoperationonsingleoutputs
andonmainoutputofmultipleversions.Failuretoobserveminimum
loadonmainoutputwillnotallowthesupplytostart-upcorrectly.Some
electronictestloadshavealargedelaytimebeforetheystartdrawing
currenteventhoughthevoltagefromthesupplyispresent.Duringthistime
delay,thereisnoloadontheoutputandasaresult,thesupplycannotstart-
upproperlyandmaintainitscorrectoutputvoltage.Intheseinstances,a
dummyresistiveloadacrosstheoutputmaybenecessarytoloadtheoutput
ofthesupplyuntilthetestloadcanfunctioncorrectlyanddrawtheintended
minimumload.Minimumloadrequiredonauxiliaryoutputstomaintain
regulation.
7 FormodelsNLP110-9608JandNLP110-9695J,the12Voutputisfloating.
For-12Voutput,pin11onJ2hastobeconnectedtoReturnmakingpin12
the-12Voutput
8 Threeorthogonalaxes,randomvibration10minutesforeachaxes,2.4Grms
5Hzto500Hz.
9 Foroptimumreliability,nopartoftheheatsinkshouldexceed110˚C,andno
semiconductorcasetemperatureshouldexceed120˚C.
10 CAUTION:Allowaminimumof1secondafterdisconnectinglinepower
whenmakingthermalmeasurements.
11 Thisproductisonlyforinclusionbyprofessionalinstallerswithinother
equipmentandmustnotbeoperatedasastandaloneproduct.
12 TheEMIspecificationsreferencemeasurementsmadewiththepowersupply
mountedonagroundedmetalsheetextending1inchbeyondeachedge,
usinganunshieldedcable.Noexternalfilteringrequiredduringconducted
emissionstestingbutsomeapplicationsmayrequireadditionalfiltering
toachievesystemcompliance.Alinechoke,(acinputcordsloopedtwice
throughanEMIsuppressiontoroid)wasusedduringradiatedemissions
testing.Considerableradiatedtestingin1Usix-sidedboxeshasshownthat
unitscanmeetlevelBintypicalsystems.Applicationsupportisavailable
fromthefactorytoassistwithEMIcompliance.
13 Allmodelsrequireaminimummountingstand-offof6.35mm(0.25inches)
intheenduseproduct.
14 The‘J’suffixindicatesthatthesepartsarePb-free(RoHS6/6)compliant.
15 NOTICE:Somemodelsdonotsupportalloptions.Pleasecontactyourlocal
EmersonNetworkPowerrepresentativeorusetheon-linemodelnumber
searchtoolathttp://www.PowerConversion.com/products.
OrderingInformation
Output
Voltage
Min(6)
Max(1)
150LFM(2)
300LFM(3)
Peak(4)
Ripple(5)
Total
Regulation
ModelNumbers(7,14,15)
+5V
0.5A
15A
22A
22A
22A
50mV
±2.0%
NLP110-9605J
+12V
0.3A
6.4A
9.2A
9.2A
11.5A
120mV
±2.0%
NLP110-9612J
+48V
0A
1.6A
2.3A
2.3A
2.5A
240mV
±2.0%
NLP110-9617J
+24V
0.2A
3.2A
4.6A
4.6A
6.0A
240mV
±2.0%
NLP110-9624J
+5V(A)
0.5A
13A
16A
18A
18A
50mV
±2.0%
NLP110-9693J
+3.3V(B)
0.2A
13A
16A
20A
20A
50mV
±2.0%
+12V
0A
0.65A
1A
1A
1A
120mV
±5.0%
+3.3V(A)
0.5A
13A
16A
20A
22A
50mV
±2.0%
NLP110-9694J
+2.5V(B)
0.1A
13A
16A
20A
22A
50mV
±2.0%
+12V
0A
0.65A
1A
1A
1A
120mV
±5.0%
+12V(A)
0.2A
6.5A
8.5A
8.5A
10A
120mV
±2.0%
NLP110-9695J
+3.3V(B)
0.5A
13A
16A
20A
22A
50mV
±2.0%
-12V
0A
0.65A
1A
1A
1A
120mV
±5.0%
+12V(A)
0.2A
6.5A
8.5A
8.5A
10A
120mV
±2.0%
NLP110-9608J
+5V(B)
0.2A
13A
16A
18A
22A
50mV
±2.0%
-12V
0A
0.65A
1A
1A
1A
120mV
±5.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com