Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP110 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP110
Description  Provides low voltage outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP110 Datasheet(HTML) 1 Page - Emerson Network Power

  NLP110 Datasheet HTML 1Page - Emerson Network Power NLP110 Datasheet HTML 2Page - Emerson Network Power NLP110 Datasheet HTML 3Page - Emerson Network Power NLP110 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NLP110 Series
Single and
Triple Output
Special Features
• Provideslowvoltageoutputs
• CompliancetoEN61000-3-2
(PowerFactor=0.98)
• 90Vacto264Vacuniversal
input range
• UL,CSAandVDEsafety
approvalsandCE-Markedto
LVD
• Overvoltageandshortcircuit
protection
• VDE0871-B,EN55022-B,
EN55011-Bconductednoise
• VDE0871-A,EN55022-A,
EN55011-Aradiatednoise
• Meetsallapplicableand
relevantimmunitystandards
EN61000-4-2,4,5and6
• RoHScompliant
• 2yearwarranty
Safety
VDE0805/EN60950/IEC950
FileNo.10401-3336-1096
UL1950FileNo.E136005
CSAC22.2No.950
FileNo.LR41062
CCCMark
•
•
•
•
Rev. 02.10.09_152
NLP110 Series
1 of 4
ElectricalSpecifications
Total Power:
80-110 Watts
Input Voltage:
90-264VAC
# of Outputs:
Single,Triple
Input
Inputrange:
Universalinput
(SeeNote6)
90-264Vac
Frequency:
47-63Hz
Inputsurgecurrent:
(coldstart)
120Vac
230Vac
18Amax.
35Amax.
Safety ground
leakagecurrent:
120Vac,60Hz
230Vac,50Hz
0.45mA
0.75mA
Inputcurrent:
120Vac@80W
120Vac@110W
230Vac@80W
230Vac@110W
0.9Arms
1.3Arms
0.48Arms
0.7Arms
Inputfuse:
UL/IEC127
F3.15AH,250Vac
Output
Totalregulation:
(lineandload)
Mainoutput
Auxiliaryoutputs
±2.0%
±5.0%
Risetime:
Atturn-on
1.0s,max.
Transientresponse:
Mainoutput
75%to100%
stepat0.1Aµs
5.0%or250mV
max.dev.,1msmax.
recoveryto1%
Temperaturecoefficient:
±0.02%/°C
Overvoltageprotection:
Mainoutputs
125%,±10%
Shortcircuitprotection:
Cyclic operation
Continuous
Minimumoutputcurrent:
Single and multiple
See table
Allspecificationsaretypicalatnominalinput,fullloadat25°Cunlessotherwisestated.


Similar Part No. - NLP110

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP110 ARTESYN-NLP110 Datasheet
170Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP110 ARTESYN-NLP110 Datasheet
343Kb / 4P
Single and triple output
Rev.04.05.08
logo
Emerson Network Power
NLP110-9605J EMERSON-NETWORKPOWER-NLP110-9605J Datasheet
254Kb / 4P
110 W ac-dc open frame power supply
logo
Artesyn Technologies
NLP110-9605J ARTESYN-NLP110-9605J Datasheet
343Kb / 4P
Single and triple output
Rev.04.05.08
logo
Emerson Network Power
NLP110-9608J EMERSON-NETWORKPOWER-NLP110-9608J Datasheet
254Kb / 4P
110 W ac-dc open frame power supply
More results

Similar Description - NLP110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33765 ONSEMI-MC33765 Datasheet
287Kb / 16P
Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
April, 2000 ??Rev. 2
logo
Fairchild Semiconductor
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
Low Voltage Quad Buffer with 3-STATE Outputs
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
Low Voltage Hex Buffer with Open Drain Outputs
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
Low profi le provides compatibility with DIPs
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
S9-X36HXX-X NEL-S9-X36HXX-X Datasheet
152Kb / 3P
voltage controlled crystal oscillators (VCXO) provides low phase noise CMOS output
logo
Bruckewell Technology L...
MSQ7434N BWTECH-MSQ7434N Datasheet
638Kb / 3P
Low rDS(on) provides higher efficiency and
logo
Unisonic Technologies
L1803G-SH2-R UTC-L1803G-SH2-R Datasheet
217Kb / 6P
Programmable soft-start provides linear voltage startup
logo
STMicroelectronics
STEVAL-IME011V1 STMICROELECTRONICS-STEVAL-IME011V1 Datasheet
278Kb / 4P
4-channel outputs: high voltage and low voltage BNC connectors
06-Aug-2015
STEVAL-IME012V1 STMICROELECTRONICS-STEVAL-IME012V1 Datasheet
263Kb / 4P
4-channel outputs: high voltage and low voltage BNC connectors
19-May-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com