Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP250 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NLP250
Description  Active PFC and EN61000-3-2 compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP250 Datasheet(HTML) 2 Page - Emerson Network Power

  NLP250 Datasheet HTML 1Page - Emerson Network Power NLP250 Datasheet HTML 2Page - Emerson Network Power NLP250 Datasheet HTML 3Page - Emerson Network Power NLP250 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.09.10.07
NLP250 Series
2 of 4
Embedded Power for
Business-Critical Continuity
Environmental Specifications
EMC Characteristics (5)
Conducted emissions
EN55022, FCC part 15
Level B
Harmonic current correction EN61000-3-2
Compliant
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
Radiated immunity
EN61000-4-3
Level 3
Fast transients
EN61000-4-4
Level 3
Surge
EN61000-4-5
Level 3
Conducted immunity
EN61000-4-6
Level 3
General Specifications
Hold-up time
85 Vac @ 60 Hz
20 ms @ 250 W
Efficiency
115 Vac @ 250 W
84% typ.
230 Vac @ 250 W
86% typ.
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Safety approvals (see note 6) UL/cUL UL60950-1, VDE EN60950-1
CAN/CSA22.2 No. 60950-1
Weight
650g (22oz)
MTBF (@25º C)
Telcordia SR-332
317,000 hours min.
MIL-HDBK-217F
158,000 hours min.
Thermal performance
Operating ambient,
0° C to +70 °C
(See derating curve)
Non-operating
-40 °C to +85 °C
0 °C to 50 °C ambient,
250 W
200 LFM forced air
250 LFM with cover
0 °C to 50 °C ambient,
0 °C to 40 °C with cover
175 W
convection cooled
50 °C to 70 °C ambient,
Derate linearly
convection cooled
to 50% load
Relative humidity
Non-condensing
5-95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 7)
5-500 Hz
2.4 G rms peak
Shock
per MIL-STD-810E
516.4 Part IV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com