Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP250 Datasheet(PDF) 3 Page - Emerson Network Power

Part # NLP250
Description  Active PFC and EN61000-3-2 compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP250 Datasheet(HTML) 3 Page - Emerson Network Power

  NLP250 Datasheet HTML 1Page - Emerson Network Power NLP250 Datasheet HTML 2Page - Emerson Network Power NLP250 Datasheet HTML 3Page - Emerson Network Power NLP250 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Output
Output Current
Ripple (3)
Total
Model
Voltage
Min
Max (free air) (1,4)
Max (forced air) (2,4)
Regulation
Numbers (9,10)
12 V
0 A
14.6 A
21 A
120 mV
±2.0%
NLP250R-96S12J
24 V
0 A
7.3 A
10.5 A
240 mV
±2.0%
NLP250R-96S24J
48 V
0 A
3.65 A
5.25 A
480 mV
±2.0%
NLP250R-96S48J
Rev.09.10.07
NLP250 Series
3 of 4
Embedded Power for
Business-Critical Continuity
4.700 (119.38)
5.500 (139.70)
M3.0
4 PLACES
BOTTOM VIEW
5.850 (148.59)
6.250 (158.75)
0.25 (6.35)
6-32
4 PLACES
CUSTOMER MOUNTING HOLES
MAX. SCREW PENETRATION 0.08IN
M3.0
6-32
1
J2
VR7
7.000 [177.80]
N
L
E
J1
J4
1
J3
1
JP1
1.500 [38.10]
Figure 2: Mechanical Drawing
Notes
1
Free air convection. Maximum continuous output power not to exceed 175 W.
Refer to Figure 1 for the derating curve.
2
200 LFM (250 LFM with cover) forced air cooling from the longer side.
Maximum continuous output power not to exceed 250 W.
3
Figure is peak-to-peak for room temperature rating. Output noise
measurements are made across a 20 MHz bandwidth using a 6 inch twisted
pair, terminated with a 10 μF tantalum capacitor and a 0.1 μF ceramic
capacitor.
4
CAUTION: Allow a minimum of 1 second after disconnecting line power when
making thermal measurements. For optimum reliability no part of the heatsink
should exceed 115 °C and no semi-conductor case temperature should exceed
120 °C.
5
No external filtering required during conducted emissions testing but some
applications may require additional filtering to achieve system compliance.
Compliance with radiated EMI specifications may require mounting in a
suitable enclosure.
6
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
7
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G
8
5 V sb (standby) output is available whenever AC is present, regardless of
remote ON/OFF signal status. 12 V (fan) present when main output is present.
9
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
"CJ" suffix indicates covered RoHS version.
10 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
Ordering Information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com