Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12040 Datasheet(PDF) 3 Page - Emerson Network Power

Part # PTH12040
Description  DC-DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12040 Datasheet(HTML) 3 Page - Emerson Network Power

  PTH12040 Datasheet HTML 1Page - Emerson Network Power PTH12040 Datasheet HTML 2Page - Emerson Network Power PTH12040 Datasheet HTML 3Page - Emerson Network Power PTH12040 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
File Name: pth12040w.pdf Rev (03): 19 Dec 2005 5
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
3
NEW Product
PTH12040
12 Vin single output
20
30
40
50
60
80
Nat conv
100 LFM
200 LFM
400 LFM
90
70
OUTPUT CURRENT (A)
010
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
50
40
010
20
30
40
50
5.0V
3.3V
2.5V
1.8V
1.2V
Vout
0.8V
Figure 1 - Safe Operating Area
Vin = 12 V, Output Voltage = 3.3 V (See Note A)
Figure 3 - Efficiency vs Load Current
Vin = 12 V (See Note B)
N
No
otte
es
s
A
SOA curves represent the conditions at which internal components are
within the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at
25 °C. This data is considered typical data for the converter.
19
20
18
11
9
12
15
14
17
16
13
10
5
3
1
7
8
6
4
2
GND
GND
Inhibit
Vo Adj
-Sense
+Sense
Vo
Vin
UVLO
Margin
Down
Margin
up
Track
Ci
560uF
(Required)
Co1
330uF
Co2
330uF
Vin
Vo
Rset
1%
0.05W
Figure 4 - Standard Application
20
30
40
50
60
80
Nat conv
100 LFM
200 LFM
400 LFM
90
70
OUTPUT CURRENT (A)
010
20
30
40
50
10
0
Figure 2 - Safe Operating Area
Vin = 12 V, Output Voltage = 1.2 V (See Note A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com