Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12040 Datasheet(PDF) 1 Page - Emerson Network Power

Part # PTH12040
Description  DC-DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12040 Datasheet(HTML) 1 Page - Emerson Network Power

  PTH12040 Datasheet HTML 1Page - Emerson Network Power PTH12040 Datasheet HTML 2Page - Emerson Network Power PTH12040 Datasheet HTML 3Page - Emerson Network Power PTH12040 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Cin = 1000 µF, Cout = 660 µF
DC-DC CONVERTERS
POLA Non-isolated
1
NEW Product
File Name: pth12040w.pdf Rev (03): 19 Dec 2005
The PTH12040 is a next generation series of non-isolated dc-dc converters offering
some of the most advanced POL features available in the industry. The primary new
feature provides for sequencing between multiple modules, a function, which is
becoming a necessity for powering advanced silicon including DSP’s, FPGA’s and
ASIC’s requiring controlled power-up and power-down Other industry leading
features include margin up/down controls and efficiencies up to 96%. The
PTH12040 has an input voltage of 8 Vdc to 14 Vdc and offers a wide 0.8 Vdc to
5.5 Vdc output voltage range with up to 50 A output current, which allows for
maximum design flexibility and a pathway for future upgrades.
• 50 A output current (5)
• 12 V input voltage (8 Vdc to 14 Vdc)
• Wide-output voltage adjust (0.8 Vdc to 5.5 Vdc)
• Auto-track™ sequencing*
• Margin up/down controls
• Efficiencies up 96%
• Output ON/OFF inhibit
• Differential remote sense
• Programmable Under-Voltage Lockout (UVLO)
• Point-of-Load-Alliance (POLA) compatible
• Available RoHS compliant
*Auto-track™ is a trade mark of
Texas Instruments
2 YEAR WARRANTY
PTH12040
12 Vin single output
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note
0.8-5.5 Vdc
Setpoint accuracy
(See Note 1)
±2.0% Vo
Line regulation
±5 mV typ.
Load regulation
±5 mV typ.
Total regulation
(See Note 1)
±3.0% Vo
Minimum load
0 A
Ripple and noise
20 MHz bandwidth
15 mV typ.
Transient response
70 µs recovery time
(See Note 4)
Overshoot/undershoot 150 mV
Margin adjustment
(See Note 7)
±5.0% Vo
INPUT SPECIFICATIONS
Input voltage range
(See Note 3)
8-14 Vdc
Input standby current
(See Note 2)
35 mA typ.
Remote ON/OFF
(See Note 1)
Positive logic
Undervoltage lockout
(See Note 8)
6.6-7.5 V typ.
+ Pin 8 open
Track input current
Pin 18
(See Note 7)
-0.13 mA
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 06 38572 044
CB Report and Certificate to IEC60950, Certificate No. US/8292/UL
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
See Table on page 2
96% max.
Insulation voltage
Non-isolated
Switching frequency
1.05 kHz
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
51.94 x 26.54 x 9.07 mm
2.045 x 1.045 x 0.357 in
Weight
17 g (60 oz)
MTBF
Telcordia SR-332
2,500,00 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
temperature
Non-operating
-40 ºC to +125 ºC
MSL (‘Z’ suffix only)
JEDEC J-STD-020C
Level 3
PROTECTION
Overcurrent
Auto reset
95 A
Thermal
Auto recovery


Similar Part No. - PTH12040

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH12040 ARTESYN-PTH12040 Datasheet
222Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Advanced Energy Industr...
PTH12040 ADVANCEDENERGY-PTH12040 Datasheet
421Kb / 7P
12 Vin Single Output
logo
Texas Instruments
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W Datasheet
626Kb / 28P
50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI2-PTH12040W Datasheet
690Kb / 27P
50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED MARCH 2009
More results

Similar Description - PTH12040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com